Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D128800CT-6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYB25D128800CT-6
Description  128 Mbit Double Data Rate SDRAM
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D128800CT-6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYB25D128800CT-6 Datasheet HTML 2Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 3Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 4Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 5Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D128800CT-6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
HYB25D128[400/800/160]C[C/E/T](L)
128 Mbit Double Data Rate SDRAM
Data Sheet
6
Rev. 1.0, 2004-04
10222003-25HM-16E0
Figure 1
Pin Configuration P-TFBGA-60-9 Top View, see the balls throught the package . . . . . . . . . . . . . 15
Figure 2
Pin Configuration P-TSOPII-66-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 3
Block Diagram 128Mbit
×16 Mbit ×16. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 4
Block Diagram 128Mbit
×32 Mbit ×8. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 5
Block Diagram 128Mbit
×64 Mbit ×4. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 6
Required CAS Latencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 7
Activating a Specific Row in a Specific Bank . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 8
t
RCD and tRRD Definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 9
Read Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 10
Read Burst: CAS Latencies (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 11
Consecutive Read Bursts: CAS Latencies (Burst Length = 4 or 8) . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 12
Non-Consecutive Read Bursts: CAS Latencies (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 13
Random Read Accesses: CAS Latencies (Burst Length = 2, 4 or 8) . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 14
Terminating a Read Burst: CAS Latencies (Burst Length = 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 15
Read to Write: CAS Latencies (Burst Length = 4 or 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 16
Read to Precharge: CAS Latencies (Burst Length = 4 or 8). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 17
Write Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 18
Write Burst (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 19
Write to Write (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 20
Write to Write: Max. DQSS, Non-Consecutive (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 21
Random Write Cycles (Burst Length = 2, 4 or 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 22
Write to Read: Non-Interrupting (CAS Latency = 2; Burst Length = 4). . . . . . . . . . . . . . . . . . . . . . 44
Figure 23
Write to Read: Interrupting (CAS Latency = 2; Burst Length = 8). . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 24
Write to Read: Min. DQSS, Odd Number of Data (3-bit Write), Interrupting (CL2; BL8) . . . . . . . . 46
Figure 25
Write to Read: Nominal DQSS, Interrupting (CAS Latency = 2; Burst Length = 8) . . . . . . . . . . . . 47
Figure 26
Write to Precharge: Non-Interrupting (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 27
Write to Precharge: Interrupting (Burst Length = 4 or 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 28
Write to Precharge: Minimum DQSS, Odd Number of Data (1-bit Write), Interrupting (BL 4 or 8). 50
Figure 29
Write to Precharge: Nominal DQSS (2-bit Write), Interrupting (Burst Length = 4 or 8) . . . . . . . . . 51
Figure 30
Precharge Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 31
Power Down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 32
Simplified State Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 33
Normal Strength Pull-down Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 34
Normal Strength Pull-up Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 35
Weak Strength Pull-down Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 36
Weak Strength Pull-up Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 37
AC Output Load Circuit Diagram / Timing Reference Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 38
Data Input (Write), Timing Burst Length = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Figure 39
Data Output (Read), Timing Burst Length = 4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Figure 40
Initialize and Mode Register Sets . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
Figure 41
Power Down Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Figure 42
Auto Refresh Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Figure 43
Self Refresh Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 44
Read without Auto Precharge (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 45
Read with Auto Precharge (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 46
Bank Read Access (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 47
Write without Auto Precharge (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 48
Write with Auto Precharge (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Figure 49
Bank Write Access (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 50
Write DM Operation (Burst Length = 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Figure 51
P-TFBGA-60-2 (Plastic Thin Fine-Pitch Ball Grid Array Package) . . . . . . . . . . . . . . . . . . . . . . . . . 84
Figure 52
P-TSOPII-66-1 (Plastic Thin Small Outline Package Type II). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
List of Figures


Similar Part No. - HYB25D128800CT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128800CT-6 QIMONDA-HYB25D128800CT-6 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D128800CT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128400AT INFINEON-HYB25D128400AT Datasheet
2Mb / 79P
   128 Mbit Double Data Rate SDRAM
Rev. 1.06, Jan. 2003
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com