Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S016RKTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S016RKTR
Description  HDMI Companion Chip
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016RKTR Datasheet(HTML) 5 Page - Texas Instruments

  TPD12S016RKTR Datasheet HTML 1Page - Texas Instruments TPD12S016RKTR Datasheet HTML 2Page - Texas Instruments TPD12S016RKTR Datasheet HTML 3Page - Texas Instruments TPD12S016RKTR Datasheet HTML 4Page - Texas Instruments TPD12S016RKTR Datasheet HTML 5Page - Texas Instruments TPD12S016RKTR Datasheet HTML 6Page - Texas Instruments TPD12S016RKTR Datasheet HTML 7Page - Texas Instruments TPD12S016RKTR Datasheet HTML 8Page - Texas Instruments TPD12S016RKTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPD12S016
www.ti.com
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCCA
Supply voltage
–0.3
4.0
V
VCC5V
Supply voltage
–0.3
6.0
V
SCL_A, SDA_A, CEC_A
–0.3
4.0
SCL_B, SDA_B, CEC_B
–0.3
6.0
VI
Input voltage (1)
V
CT_HPD, LS_OE
–0.3
4.0
D, CLK
–0.3
6.0
SCL_A, SDA_A, CEC_A, CT_HPD, LS_OE
–0.3
4.0
Voltage applied to any output in the
VO
V
high-impedance or power-off state(1)
SCL_B, SDA_B, CEC_B
–0.3
6.0
SCL_A, SDA_A, CEC_A, CT_HPD, LS_OE
–0.3
VCCA + 0.5
Voltage applied to any output in the
VO
V
high or low state(1)(2)
SCL_B, SDA_B, CEC_B
–0.3
5V_OUT + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
Continuous current through 5V_OUT,
±100
mA
or GND
Tstg
Storage temperature
–65
150
°C
(1)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.2 ESD Ratings
VALUE
UNIT
LS_OE, CT_HPD, SCL_A, SDA_A,
±2000
CEC_A, HPD_A, VCCA
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001
Dx, CLKx, SCL_B, SDA_B, CEC_B,
±15000
Electrostatic
HPD_B , 5V_OUT
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101
±1000
Dx, CLKx, SCL_B, SDA_B, CEC_B,
IEC 61000-4-2 Contact Discharge
±8000
HPD_B , 5V_OUT
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD12S016


Similar Part No. - TPD12S016RKTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

Similar Description - TPD12S016RKTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8510 PHILIPS-PNX8510 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
   LCD/USB Companion Chip
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
IC-Haus GmbH
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
   IC-PMX Companion Chip
logo
Texas Instruments
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
   VRC4172TM COMPANION CHIP FOR VR4121TM
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
   Video CD/DVD Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com