Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH3R06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3R06-Y
Description  Automotive Turbo 2 ultrafast high voltage rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3R06-Y Datasheet HTML 1Page - STMicroelectronics STTH3R06-Y Datasheet HTML 2Page - STMicroelectronics STTH3R06-Y Datasheet HTML 3Page - STMicroelectronics STTH3R06-Y Datasheet HTML 4Page - STMicroelectronics STTH3R06-Y Datasheet HTML 5Page - STMicroelectronics STTH3R06-Y Datasheet HTML 6Page - STMicroelectronics STTH3R06-Y Datasheet HTML 7Page - STMicroelectronics STTH3R06-Y Datasheet HTML 8Page - STMicroelectronics STTH3R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH3R06-Y
4/9
DocID026720 Rev 1
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Reverse recovery softness factor
versus dIF/dt (typical values)
QnC
RR()
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
350
400
450
500
V = 400 V
R
T = 125 °C
j
dI /dt A/µ
F
(s)
I = 0.5 x I (av)
FF
I = I (av)
FF
I = 2 x I (av)
FF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
I = I (av)
FF
V = 400 V
R
T = 125 °C
j
Sfactor
dI /dt A/µ
F
(s)
Figure 9. Relative variation of dynamic
parameters versus junction temperature
Figure 10. Transient peak forward voltage
versus dIF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
50
75
100
125
IRM
Sfactor
QRR
I = I (av)
FF
V = 400 V
R
Reference: T = 125 °C
j
T°C
j()
VV
FP()
0
2
4
6
8
10
20
40
60
80
100
120
140
160
180
200
I= I
F
F(AV)
T = 125 °C
j
dI /dt A/µ
F
(s)
Figure 11. Forward recovery time versus dIF/dt
(typical values)
Figure 12. Junction capacitance versus reverse
voltage applied (typical values)
tns)
FR(
0
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
160
180
200
dI /dt A/µ
F
(s)
I= I
F
F(AV)
V
= 2.0 V
FR
T = 125 °C
j
CpF)
(
1
10
100
1
10
100
1000
F = 1 MHz
V
= 30 mV
osc
RMS
T = 25 °C
j
VR(V)


Similar Part No. - STTH3R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R06 STMICROELECTRONICS-STTH3R06 Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3R06RL STMICROELECTRONICS-STTH3R06RL Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3R06S STMICROELECTRONICS-STTH3R06S Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3R06U STMICROELECTRONICS-STTH3R06U Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
More results

Similar Description - STTH3R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
   Automotive turbo 2 ultrafast high voltage rectifier
December 2014 Rev 2
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
   Automotive turbo 2 ultrafast high voltage rectifier
April 2018 Rev 2
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
August 2014 Rev 1
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
   Automotive turbo 2 ultrafast high voltage rectifier
November 2018
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com