Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH3R06-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH3R06-Y
Description  Automotive Turbo 2 ultrafast high voltage rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R06-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH3R06-Y Datasheet HTML 1Page - STMicroelectronics STTH3R06-Y Datasheet HTML 2Page - STMicroelectronics STTH3R06-Y Datasheet HTML 3Page - STMicroelectronics STTH3R06-Y Datasheet HTML 4Page - STMicroelectronics STTH3R06-Y Datasheet HTML 5Page - STMicroelectronics STTH3R06-Y Datasheet HTML 6Page - STMicroelectronics STTH3R06-Y Datasheet HTML 7Page - STMicroelectronics STTH3R06-Y Datasheet HTML 8Page - STMicroelectronics STTH3R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH3R06-Y
2/9
DocID026720 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.1 x IF(AV) + 0.1 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
Tj = -40 to +175 °C
600
V
IF(AV)
Average forward current, square waveform
TL = 90 °C δ = 0.5
3
A
IFSM
Forward Surge current
tp = 10 ms
30
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
Operating temperature range
-40 to + 175
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
16
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms,
δ < 2%
Reverse leakage current
Tj = 25 °C
VR = 600 V
-3
µA
Tj = 150 °C
-
15
100
VF
(2)
2.
Pulse test: tp = 380 µs,
δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 3A
-1.9
V
Tj = 150 °C
-
1.1
1.4
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = -50 A/µs
VR = 30 V
-35
50
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 3 A, dIF/dt = 100 A/µs,
VFR = 2.0 V
-
130
VFP
Forward recovery
voltage
-5
V
dPtot
dTj
<
1
Rth(j-a)


Similar Part No. - STTH3R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R06 STMICROELECTRONICS-STTH3R06 Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3R06RL STMICROELECTRONICS-STTH3R06RL Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3R06S STMICROELECTRONICS-STTH3R06S Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH3R06U STMICROELECTRONICS-STTH3R06U Datasheet
86Kb / 9P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
More results

Similar Description - STTH3R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
   Automotive turbo 2 ultrafast high voltage rectifier
December 2014 Rev 2
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
   Automotive turbo 2 ultrafast high voltage rectifier
April 2018 Rev 2
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
   Automotive Turbo 2 ultrafast high voltage rectifier
August 2014 Rev 1
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
   Automotive turbo 2 ultrafast high voltage rectifier
November 2018
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com