Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD4E6B06DPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E6B06DPWR
Description  4-CH Bidirectional Low Capacitance ESD Protection Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E6B06DPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD4E6B06DPWR Datasheet HTML 4Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 5Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 6Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 7Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 8Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 9Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 10Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 11Page - Texas Instruments TPD4E6B06DPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TPD4E6B06
SLVSCK3A – MAY 2014 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
7.3.7 Clamping Voltage
The IO pins feature an ESD clamp capable of clamping the voltage to 10 V (IO to GND) or 9 V (GND to IO) of
IEC61000-4-5 surge when IPP = 1 A.
7.3.8 Industrial Temperature Range
This device features an industrial operating range of –40 °C to 125 °C.
7.3.9 Space Saving DPW Package
The small 0.8 mm x 0.8 mm package size saves board space and makes it easy to add ESD protection.
7.4 Device Functional Modes
TPD4E6B06 is a passive integrated circuit that triggers when voltages are above VBRF or VBRR. During ESD
events, voltages as high as ±15 kV (air) can be directed to ground via the internal diode network. Once the
voltages on the protected line fall below the trigger levels of TPD4E6B06 (usually within 10’s of nano-seconds)
the device reverts to passive.
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPD4E6B06


Similar Part No. - TPD4E6B06DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001 Datasheet
200Kb / 10P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI1-TPD4E001 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
More results

Similar Description - TPD4E6B06DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E101 TI1-TPD4E101 Datasheet
410Kb / 6P
[Old version datasheet]   4-CH Bidirectional Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
   Low Capacitance ESD Protection Device
T0534VL CITC-T0534VL Datasheet
838Kb / 9P
   Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
   Low Capacitance ESD Protection Device
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
   Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
   Low Capacitance ESD Protection Device
T0501MB CITC-T0501MB Datasheet
554Kb / 7P
   Low Capacitance ESD Protection Device
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
   Low Capacitance ESD Protection Device
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com