Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E007DCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E007DCKR
Description  2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E007DCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD2E007DCKR Datasheet HTML 2Page - Texas Instruments TPD2E007DCKR Datasheet HTML 3Page - Texas Instruments TPD2E007DCKR Datasheet HTML 4Page - Texas Instruments TPD2E007DCKR Datasheet HTML 5Page - Texas Instruments TPD2E007DCKR Datasheet HTML 6Page - Texas Instruments TPD2E007DCKR Datasheet HTML 7Page - Texas Instruments TPD2E007DCKR Datasheet HTML 8Page - Texas Instruments TPD2E007DCKR Datasheet HTML 9Page - Texas Instruments TPD2E007DCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IO1
IO2
GND
6
TPD2E007
SLVS796H – SEPTEMBER 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPD2E007
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD2E007 an ESD protection device designed to offer system level ESD solutions for wide range of
portable and industrial applications. The back-to-back diode array allows AC-coupled or negative-going data
transmission (audio interface, LVDS, RS-485, RS-232, etc.) without compromising signal integrity. The PicoStar
package is intended to be embedded inside the printed circuit board which saves board space in portable
applications. This device exceeds the IEC 61000-4-2 (Level 4) ESD protection and is ideal for providing system
level ESD protection for the internal ICs when placed near the connector.
7.2 Functional Block Diagram
Figure 5. Equivalent Schematic Representation
7.3 Feature Description
The TPD2E007 an ESD protection device designed to offer system level ESD solutions for wide range of
portable and industrial applications. The back-to-back diode array allows AC-coupled or negative-going data
transmission (audio interface, LVDS, RS-485, RS-232, etc.) without compromising signal integrity. The PicoStar
package is intended to be embedded inside the printed circuit board which saves board space in portable
applications. This device exceeds the IEC 61000-4-2 (Level 4) ESD protection and is ideal for providing system
level ESD protection for the internal ICs when placed near the connector.
7.3.1 IEC 61000-4-2 Level 4 ESD Protection
The I/O pins can withstand ESD events up to ±12-kV contact and ±15 kV-air. An ESD/surge clamp diverts the
current to ground.
7.3.2 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 4.5 A (8/20 µs waveform). An ESD/surge clamp diverts this
current to ground.
7.3.3 IO Capacitance
The capacitance between each I/O pin to ground is 15 pF.
7.3.4 Low 50-nA Leakage Current
The I/O pins feature a low 50-nA (max) leakage current.
7.3.5 Space-Saving PicoStar and SOT Package
This device is offered in both a space-saving PicoStar package, as well as a standard DCK package.
7.4 Device Functional Modes
TPD2E007 is a passive integrated circuit that triggers when voltages are above or below VBR. During ESD
events, voltages as high as ±15 kV (air) can be directed to ground via the internal diode network. Once the
voltages on the protected line fall below the trigger levels of TPD2E007 (usually within 10’s of nano-seconds) the
device reverts to passive.


Similar Part No. - TPD2E007DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007DCKR TI-TPD2E007DCKR Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007DCKR TI1-TPD2E007DCKR Datasheet
756Kb / 11P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
logo
Shanghai Leiditech Elec...
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
More results

Similar Description - TPD2E007DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI1-TPD2E007_13 Datasheet
756Kb / 11P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com