Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37702M2L-249HP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37702M2L-249HP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37702M2L-249HP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37702M2L-249HP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37702M2L-249HP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
MITSUBISHI MICROCOMPUTERS
M37702M2LXXXGP, M37702S1LGP
M37702M2LXXXHP, M37702S1LHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
ABSOLUTE MAXIMUM RATINGS
VCC
AVCC
VI
VI
VO
Pd
Topr
Tstg
Supply voltage
Analog supply voltage
Input voltage
______
RESET, CNVSS, BYTE
Input voltage
P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87, VREF, XIN
Output voltage P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
_
P80–P87, XOUT, E
Power dissipation
Operating temperature
Storage temperature
Ta = 25 °C
Ratings
Symbol
Parameter
Conditions
Unit
–0.3 to 7
–0.3 to 7
–0.3 to 12
–0.3 to VCC+0.3
–0.3 to VCC+0.3
300 (Note 1)
–40 to 85
–65 to 150
V
V
V
V
V
mW
°C
°C
VCC
AVCC
VSS
AVSS
VIH
VIH
VIH
VIL
VIL
VIL
IOH(peak)
IOH(avg)
IOL(peak)
IOL(avg)
f(XIN)
Supply voltage
Analog supply voltage
Supply voltage
Analog supply voltage
High-level input voltage
P00–P07, P30–P33, P40–P47, P50–P57,
______
P60–P67, P70–P77, P80–P87, XIN, RESET,
CNVSS, BYTE
High-level input voltage
P10–P17, P20–P27
(in single-chip mode)
High-level input voltage
P10–P17, P20–P27
(in memory expansion mode and micro-
processor mode)
Low-level input voltage
P00–P07, P30–P33, P40–P47, P50–P57,
______
P60–P67, P70–P77, P80–P87, XIN, RESET,
CNVSS, BYTE
Low-level input voltage
P10–P17, P20–P27
(in single-chip mode)
Low-level input voltage
P10–P17, P20–P27
(in memory expansion mode and micro-
processor mode)
High-level peak output current
P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87
High-level average output current P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87
Low-level peak output current
P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87
Low-level average output current
P00–P07, P10–P17, P20–P27, P30–P33,
P40–P47, P50–P57, P60–P67, P70–P77,
P80–P87
External clock frequency input
Limits
Symbol
Parameter
Unit
Min.
2.7
0.8VCC
0.8VCC
0.5VCC
0
0
0
Typ.
VCC
0
0
Max.
5.5
VCC
VCC
VCC
0.2VCC
0.2VCC
0.16VCC
–10
–5
10
5
8
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
MHz
RECOMMENDED OPERATING CONDITIONS (VCC = 2.7 to 5.5 V, Ta = –40 to 85 °C, unless otherwise noted)
Note 2. Average output current is the average value of a 100 ms interval.
3. The sum of IOL(peak) for ports P0, P1, P2, P3, and P8 must be 80 mA or less, the sum of IOH(peak) for ports P0, P1, P2, P3, and P8
must be 80 mA or less, the sum of IOL(peak) for ports P4, P5, P6, and P7 must be 80 mA or less, and the sum of IOH(peak) for ports
P4, P5, P6, and P7 must be 80 mA or less.
Note 1. In the case of M37702M2LXXXHP and M37702S1LHP, the rating of power dissipation is 200 mW.


Similar Part No. - M37702M2L-249HP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37702M2LXXXGP RENESAS-M37702M2LXXXGP Datasheet
278Kb / 21P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2LXXXHP RENESAS-M37702M2LXXXHP Datasheet
278Kb / 21P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37702M2L-249HP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com