Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS10P3LLH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS10P3LLH6
Description  High avalanche ruggedness
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10P3LLH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS10P3LLH6 Datasheet HTML 2Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 3Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 4Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 5Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 6Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 7Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 8Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 9Page - STMicroelectronics STS10P3LLH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STS10P3LLH6
6/12
DocID025837 Rev 3
Figure 8: Capacitance variations
Figure 9: Normalized gate threshold voltage
vs temperature
Figure 10: Normalized on-resistance vs
temperature
Figure 11: Normalized V(BR)DSS vs temperature
Figure 12: Source-drain diode forward characteristics
For the P-channel Power MOSFET, current and voltage polarities are reversed


Similar Part No. - STS10P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS10P4LLF6 STMICROELECTRONICS-STS10P4LLF6 Datasheet
740Kb / 14P
   P-channel 40 V, 0.0125 廓 typ., 10 A, StripFET??F6 Power MOSFET in SO-8 package
December 2014 Rev 3
logo
VBsemi Electronics Co.,...
STS10P4LLF6 VBSEMI-STS10P4LLF6 Datasheet
1,016Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
STMicroelectronics
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
logo
VBsemi Electronics Co.,...
STS10PF30L VBSEMI-STS10PF30L Datasheet
996Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STS10P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com