Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKQJAAA010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQJAAA010
Description  6.6mm Square (Snap-in Type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQJAAA010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKQJAAA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQJAAA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQJAAA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKQJAAA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKQJAAA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
200
200
Dust proof with sharp operational feel suitable for general
purpose
6.6mm Square (Snap-in Type)
SKQJ
Top push
Side push
2
Japan
Export
Japan
Export
Product No.
Product Line
Top push type
Minimum order unit(pcs.)
1,000
1,000
SKQJAAA010
SKQJABA010
SKQJADA010
SKQJAEA010
SKQJAJA010
SKQJAKA010
Operating force
0.98N
1.57N
0.98N
1.57N
0.98N
1.57N
Operating direction
Operating life
(5mA 5V DC)
1,000,000 cycles
500,000 cycles
1,000,000 cycles
500,000 cycles
200,000 cycles
Stem color
Black
Dark gray
Black
Dark gray
Black
Dark gray
Stem height
h=5mm
h=7mm
h=9.5mm
SKQJLAA010
SKQJLBA010
Product No.
0.98N
1.57N
Operating force
1,000,000 cycles
500,000 cycles
Operating life
(5mA 5V DC)
Black
Dark gray
Stem color
Minimum order unit(pcs.)
1,000
1,000
Drawing
No.
1
Drawing
No.
Operating direction
Side push type
Bulk
Packing Specifications
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
100mΩ max.
Travel(mm)
0.25
Refer to P.259 for soldering conditions.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
10,000
30,000
309×476×347


Similar Part No. - SKQJAAA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQJAAA010 ALPS-SKQJAAA010 Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
More results

Similar Description - SKQJAAA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
SKQK ALPS-SKQK Datasheet
144Kb / 3P
   6.6mm Square (Radial Type)
SKQK ALPS-SKQK_15 Datasheet
693Kb / 3P
   6.6mm Square (Radial Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com