Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHU Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHU
Description  A wide variety of products including dust-proof type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHU Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHU_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHU_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHU_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHU_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
237
237
 
A wide variety of products including dust-proof type
6.2 × 6.3mm (Surface Mount Type)
SKHU
3,000
3,000
3,000
3,000
Japan
Export
Japan
Export
Japan
Export
Japan
Export
Operating life
(5mA 5V DC)
Product No.
Operating life
(5mA 5V DC)
Product No.
Product Line
Top push type
Operating life
(5mA 5V DC)
Product No.
SKHUAKE010
SKHUALE010
SKHUAME010
300,000 cycles
100,000 cycles
300,000 cycles
100,000 cycles
50,000 cycles
Stem height
2.5mm
Stem height
2.5mm
Stem height
3.1mm
SKHUPKE010
SKHUPLE010
SKHUPME010
SKHUBHE010
Drawing
No.
2
Drawing
No
3
1
Drawing
No.
Dust-proof type
With ground terminal type
Operating life
(5mA 5V DC)
Product No.
Operating force
Operating force
Operating force
0.98N
1.57N
2.55N
0.98N
1.57N
1.57N
2.55N
Operating force
1.57N
2.55N
Operating
direction
Operating
direction
Top push
Top push
Top push
Operating
direction
Operating
direction
Top push
50,000 cycles
Stem color
Stem color
Stem color
Green
Black
Red
Green
Black
Red
Brown
Stem color
Brown
Red
SKHUQHE010
SKHUQGE010
Stem height
3.1mm
Drawing
No
4
Dust-proof and with ground terminal type
Packing Specifications
Taping
Unit:mm
3,000
Minimum order unit(pcs.)
3,000
Minimum order unit(pcs.)
3,000
Minimum order unit(pcs.)
3,000
Minimum order unit(pcs.)
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
100mΩ max.
Travel(mm)
0.25
Reel size
Refer to P.259 for soldering conditions.
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
3,000
30,000
30,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note


Similar Part No. - SKHU_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHUAKE010 ALPS-SKHUAKE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUAME010 ALPS-SKHUAME010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUPKE010 ALPS-SKHUPKE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
SKHUPLE010 ALPS-SKHUPLE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
More results

Similar Description - SKHU_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
Omron Electronics LLC
EE-SX3161-W11 OMRON-EE-SX3161-W11 Datasheet
211Kb / 2P
   Dust-proof model
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com