Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL7DN6LF3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STL7DN6LF3
Description  Automotive-grade dual N-channel 60 V, 35 m??typ., 6.5 A STripFET??F3 Power MOSFET in PowerFLAT??5x6 double island
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7DN6LF3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STL7DN6LF3 Datasheet HTML 7Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 8Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 9Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 10Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 11Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 12Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 13Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 14Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID023010 Rev 4
11/18
STL7DN6LF3
Package information
18
Table 8. PowerFLAT 5x6 double island type R mechanical data
Ref.
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D
5.00
5.20
5.40
D2
1.68
1.88
E
5.95
6.15
6.35
E2
3.50
3.70
E4
0.55
0.75
E5
0.08
0.28
E6
2.35
2.55
E7
0.40
0.60
e1.27
L
0.60
0.80
K
1.275
1.575


Similar Part No. - STL7DN6LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
   N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
   N-channel 40 V, 0.0055 廓, 18 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STL71L71H STMICROELECTRONICS-STL71L71H Datasheet
141Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STL71L71L STMICROELECTRONICS-STL71L71L Datasheet
141Kb / 6P
   MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Similar Description - STL7DN6LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8DN10LF3 STMICROELECTRONICS-STL8DN10LF3 Datasheet
917Kb / 15P
   Automotive-grade dual N-channel 100 V, 25 m??typ., 7.8 A STripFET??F3 Power MOSFET in a PowerFLAT??5x6 double island package
July 2015 Rev 6
STL8DN6LF3 STMICROELECTRONICS-STL8DN6LF3 Datasheet
1Mb / 18P
   Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
   Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
March 2018 Rev 1
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
   Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
May 2017
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
   Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
May 2017
STL15DN4F5 STMICROELECTRONICS-STL15DN4F5 Datasheet
781Kb / 12P
   Dual N-channel 40 V, 8 m廓, 15 A PowerFLAT??5x6) double island, STripFET??V Power MOSFET
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
   Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
   Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
December 2012 Rev 3
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
   N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL8DN6LF6AG STMICROELECTRONICS-STL8DN6LF6AG Datasheet
939Kb / 16P
   Automotive-grade dual N-channel 60 V, 21 m廓 typ., 32 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 DI package
January 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com