Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB3 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DB3
Description  SILICON BIDIRECTIONAL DIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DB3 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  DB3 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DB3 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB3/DC34/DB4/DB6 SILICON BIDIRECTIONAL DIAC
RATINGS AND CHARACTERISTIC CURVES DB3/DC34/DB4/DB6
DIAGRAM 1: Current-voltage charateristics
DIAGRAM 2: Test circuit for output voltage
DIAGRAM 3: Test circuit see diagram2 adjust R for
Ip=0.5A
FIG.1-Power disspation versus ambient
temperature(maximum values)
FIG.2-Relative variation of VBO versus juntion
temperature(typical values)
FIG.3-Peak pulse current versus pulse duration
(maximum values)
www.shunyegroup.com.cn


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
   BIDIRECTIONAL TRIGGER DIODE
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
EIC discrete Semiconduc...
DB3 EIC-DB3 Datasheet
114Kb / 1P
   SILICON BI-DIRECTIONAL DIACS
Rev. 03: December 7, 2006
logo
Yangzhou yangjie electr...
DB3 YANGJIE-DB3 Datasheet
536Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
537Kb / 3P
   SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
   Silicon Bidirectional DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
   SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Shanghai Shunye Electro...
DC34 SY-DC34 Datasheet
458Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
413Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
   SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com