Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C515 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # C515
Description  8-Bit CMOS Microcontroller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C515 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button C515 Datasheet HTML 6Page - Infineon Technologies AG C515 Datasheet HTML 7Page - Infineon Technologies AG C515 Datasheet HTML 8Page - Infineon Technologies AG C515 Datasheet HTML 9Page - Infineon Technologies AG C515 Datasheet HTML 10Page - Infineon Technologies AG C515 Datasheet HTML 11Page - Infineon Technologies AG C515 Datasheet HTML 12Page - Infineon Technologies AG C515 Datasheet HTML 13Page - Infineon Technologies AG C515 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
C515
Semiconductor Group
10
1997-08-01
XTAL2
36
XTAL2
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source,
XTAL2 should be driven, while XTAL1 is left
unconnected. Minimum and maximum high and low
times as well as rise/fall times specified in the AC
characteristics must be observed.
XTAL1
37
XTAL1
Output of the inverting oscillator amplifier.
P2.0-P2.7
38-45
I/O
Port 2
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 2 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 2 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
Port 2 emits the high-order address byte during fetches
from external program memory and during accesses to
external data memory that use 16-bit addresses
(MOVX @DPTR). In this application it uses strong
internal pullup resistors when issuing 1's. During
accesses to external data memory that use 8-bit
addresses (MOVX @Ri), port 2 issues the contents of
the P2 special function register.
PSEN
47
O
The Program Store Enable
output is a control signal that enables the external
program memory to the bus during external fetch
operations. It is activated every six oscillator periods,
except during external data memory accesses. The
signal remains high during internal program execution.
ALE
48
O
The Address Latch enable
output is used for latching the address into external
memory during normal operation. It is activated every six
oscillator periods, except during an external data
memory access.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-80)
I/O*)
Function


Similar Part No. - C515

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515 SIEMENS-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
C515 SIEMENS-C515 Datasheet
911Kb / 160P
   8-Bit CMOS Microcontroller
logo
Cooper Bussmann, Inc.
C515 COOPER-C515 Datasheet
448Kb / 14P
   PCB & Small Dimension Fuses
logo
Eaton All Rights Reserv...
C515 EATON-C515 Datasheet
216Kb / 2P
   5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
logo
Cooper Bussmann, Inc.
C515-1-R COOPER-C515-1-R Datasheet
253Kb / 2P
   5 x 15mm Axial-Leaded, Time-Delay, Glass Tube Fuses
More results

Similar Description - C515

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com