Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFC164SM Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAFC164SM
Description  16-Bit Single-Chip Microcontrol ler
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC164SM Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAFC164SM Datasheet HTML 5Page - Infineon Technologies AG SAFC164SM Datasheet HTML 6Page - Infineon Technologies AG SAFC164SM Datasheet HTML 7Page - Infineon Technologies AG SAFC164SM Datasheet HTML 8Page - Infineon Technologies AG SAFC164SM Datasheet HTML 9Page - Infineon Technologies AG SAFC164SM Datasheet HTML 10Page - Infineon Technologies AG SAFC164SM Datasheet HTML 11Page - Infineon Technologies AG SAFC164SM Datasheet HTML 12Page - Infineon Technologies AG SAFC164SM Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
C164CM
C164SM
Data Sheet
5
V1.0, 2001-05
Table 2
Pin Definitions and Functions
Symbol Pin
No.
Input
Outp.
Function
PORT0
P0H.7
P0H.6
P0H.5
P0H.4
P0H.3
P0H.2
P0H.1
P0H.0
P0L.7
P0L.6
P0L.5
P0L.4
P0L.3
P0L.2
P0L.1
P0L.0
8
9
10
11
12
13
14
15
18
19
20
21
22
23
24
25
IO
(I)/O
I/O
(I)/O
I/O
(I)/O
I/O
(I)/O
I/O
(I)/O
O
(I)/O
(I)/O
(I)/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
PORT0 consists of the two 8-bit bidirectional I/O ports P0L
and P0H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state.
In case of an external bus configuration, PORT0 serves as
the address (A) and address/data (AD) bus in multiplexed
bus modes.
A(D)15
Most Significant Address(/Data) Line
SCLK
SSC Master Clock Output / Slave Clock Input.
A(D)14
Address(/Data) Line
MTSR
SSC Master-Transmit/Slave-Receive Outp./Inp.
A(D)13
Address(/Data) Line
MRST
SSC Master-Receive/Slave-Transmit Inp./Outp.
A(D)12
Address(/Data) Line
RxD0
ASC0 Data Input (Async.) or Inp./Outp. (Sync.)
A(D)11
Address(/Data) Line
TxD0
ASC0 Clock/Data Output (Async./Sync.)
A(D)10
Address(/Data) Line
A(D)9
Address(/Data) Line
A(D)8
Address(/Data) Line
AD7
Address/Data Line
AD6
Address/Data Line
AD5
Address/Data Line
AD4
Address/Data Line
AD3
Address/Data Line
AD2
Address/Data Line
AD1
Address/Data Line
AD0
Least Significant Address/Data Line
NMI
26
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C164CM into power
down mode. If NMI is high, when PWRDN is executed, the
part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.


Similar Part No. - SAFC164SM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAFC164SI INFINEON-SAFC164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAFC164SL INFINEON-SAFC164SL Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results

Similar Description - SAFC164SM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM6010 SHARP-SM6010 Datasheet
25Kb / 2P
   16-Bit Single- Chip Microcomputer
logo
Infineon Technologies A...
XC164CS INFINEON-XC164CS Datasheet
2Mb / 71P
   16-Bit Single-Chip Microcontroller
V2.1, Jun. 2003
C164CM INFINEON-C164CM_2 Datasheet
4Mb / 470P
   16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C167CS-4R INFINEON-C167CS-4R_01 Datasheet
975Kb / 81P
   16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
logo
Renesas Technology Corp
M3776AM8A RENESAS-M3776AM8A Datasheet
26Kb / 3P
   SINGLE-CHIP 16-BIT MICROCOMPUTER
7733 RENESAS-7733 Datasheet
8Mb / 940P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2626 RENESAS-H8S-2626 Datasheet
5Mb / 1069P
   16-Bit Single-Chip Microcomputer
H8S-2655 RENESAS-H8S-2655 Datasheet
5Mb / 1091P
   16-Bit Single-Chip Microcomputer
H8-3022 RENESAS-H8-3022 Datasheet
3Mb / 712P
   16-Bit Single-Chip Microcomputer
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ Datasheet
2Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.2, Jun. 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com