Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2046BVFG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046BVFG4
Description  4-Port Hub for the Universal Serial Bus
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046BVFG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB2046BVFG4 Datasheet HTML 6Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 7Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 8Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 9Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 10Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 11Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 12Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 13Page - Texas Instruments TUSB2046BVFG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
XTAL1
C1
C2
C
L
XTAL2
10
TUSB2046B, TUSB2046BI
SLLS413K – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB2046B TUSB2046BI
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Feature Description (continued)
Using a combination of the BUSPWR and EEDATA/GANGED inputs, the TUSB2046B supports four modes of
power management: bus-powered hub with either individual-port power-management or ganged-port power
management, and the self-powered hub with either individual-port power management or ganged-port power
management. TI supplies the complete hub solution with the TUSB2036 (2/3-port), TUSB2046B, and the
TUSB2077 (7-port) hubs along with the power-management devices needed to implement a fully USB
specification-compliant system.
8.3.2 Clock Generation
The input clock configuration logic of TUSB2046B is enhanced to accept a 6-MHz crystal or 48-MHz on-the-
board clock source with a simple tie-off change on TSTMODE (pin 31).
A 6-MHz input clock configuration is shown in Figure 5.
In this mode, both TSTMODE and TSTPLL/48MCLK pins must be tied to ground. The hub is configured to
use the 6-MHz clock on pins 30 and 29, which are XTAL1 and XTAL2, respectively, on the TUSB2046B. This
is identical to the TUSB2046.
Figure 5. 6-MHz Input Clock Configuration
NOTE: This figure assumes a 6-MHz fundamental crystal that is parallel loaded. The component values of C1, C2, and Rd
are determined using a crystal from Fox Electronics – part number HC49U-6.00MHz 30\50\0-70\20, which means
±30 ppm at 25°C and ±50 ppm from 0°C to 70°C. The characteristics for the crystal include a load capacitance (CL) of
20 pF, maximum shunt capacitance (Co) of 7 pF, and the maximum ESR of 50 Ω. In order to insure enough negative
resistance, use C1 = C2 = 27 pF. The resistor Rd is used to trim the gain, and Rd = 1.5 kΩ is recommended.
Figure 6. Crystal Tuning Circuit
A 48-MHz input clock configuration is shown in Figure 7.
In this mode, both TSTMODE and XTAL1 pins must be tied to 3.3-V VCC. The hub accepts the 48-MHz clock
input on TSTPLL/48MCLK (terminal 27). XTAL2 must be left floating (open) for this configuration. Only the
oscillator or the onboard clock source is accepted for this mode. A crystal cannot be used for this mode,
because the internal oscillator cell of the chip only supports the fundamental frequency.


Similar Part No. - TUSB2046BVFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046BVFG4 TI-TUSB2046BVFG4 Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFG4 TI-TUSB2046BVFG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BVFG4 TI1-TUSB2046BVFG4 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2046BVFG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_16 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com