Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2046BIRHBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2046BIRHBT
Description  4-Port Hub for the Universal Serial Bus
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2046BIRHBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2046BIRHBT Datasheet HTML 4Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 5Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 6Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 7Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 8Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 9Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 10Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 11Page - Texas Instruments TUSB2046BIRHBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0.5
0
0
1
2
1
1.5
3
4
VICR - Common Mode Input Rang e - V
0.8
3.6
0.2
1.3
2.5
Vhys
VIT+
VIT-
VCC
VIH
VIL
0 V
Logic high
Logic low
8
TUSB2046B, TUSB2046BI
SLLS413K – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB2046B TUSB2046BI
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 2. Differential Driver Timing Waveforms
Figure 3. Single-Ended Receiver Input Signal Parameter Definitions
7.8 Typical Characteristics
Figure 4. Differential Receiver Input Sensitivity vs Common Mode Input Range
8 Detailed Description
8.1 Overview
The TUSB2046B is a 3.3-V CMOS hub device that provides one upstream port and four downstream ports in
compliance with the Universal Serial Bus (USB) specification as a full-speed hub. Because this device is
implemented with a digital state machine instead of a microcontroller, no firmware programming is required. Fully
compliant USB transceivers are integrated into the ASIC for all upstream and downstream ports. The
downstream ports support full-speed and low-speed devices by automatically setting the slew rate according to
the speed of the device attached to the ports. The configuration of the BUSPWR pin selects either the bus-
powered or the self-powered mode.


Similar Part No. - TUSB2046BIRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046BIRHBT TI-TUSB2046BIRHBT Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BIRHBT TI1-TUSB2046BIRHBT Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2046BIRHBTG4 TI-TUSB2046BIRHBTG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046BIRHBTG4 TI1-TUSB2046BIRHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
More results

Similar Description - TUSB2046BIRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B-Q1 TI1-TUSB2046B-Q1 Datasheet
997Kb / 22P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI1-TUSB2046B_17 Datasheet
1Mb / 29P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2036 TI1-TUSB2036_16 Datasheet
1Mb / 27P
[Old version datasheet]   2- or 3-Port Hub for the Universal Serial Bus
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com