Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2036VFRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036VFRG4
Description  2- or 3-Port Hub for the Universal Serial Bus
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2036VFRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB2036VFRG4 Datasheet HTML 7Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 8Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 9Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 10Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 11Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 12Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 13Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 14Page - Texas Instruments TUSB2036VFRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
XTAL1
C1
C2
C
L
XTAL2
11
TUSB2036
www.ti.com
SLLS372H – MARCH 2000 – REVISED JANUARY 2016
Product Folder Links: TUSB2036
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 USB Power Management
The TUSB2036 supports both bus-powered and self-powered modes. External power-management devices,
such as the TPS2044, are required to control the 5-V power source switching (on/off) to the downstream ports
and to detect an overcurrent condition from the downstream ports individually or ganged. Outputs from external
power devices provide overcurrent inputs to the TUSB2036 OVRCUR pins in case of an overcurrent condition,
the corresponding PWRON pins are disabled by the TUSB2036. In the ganged mode, all PWRON signals
transition simultaneously, and any OVRCUR input can be used. In the nonganged mode, the PWRON outputs
and OVRCUR inputs operate on a per-port basis.
Both bus-powered and self-powered hubs require overcurrent protection for all downstream ports. The two types
of protection are individual-port management (individual-port basis) or ganged-port management (multiple-port
basis). Individual-port management requires power-management devices for each individual downstream port,
but adds robustness to the USB system because, in the event of an overcurrent condition, the USB host only
powers down the port that has the condition. The ganged configuration uses fewer power management devices
and thus has lower system costs, but in the event of an overcurrent condition on any of the downstream ports, all
the ganged ports are disabled by the USB host.
Using a combination of the BUSPWR and EEDATA/GANGED inputs, the TUSB2036 supports four modes of
power management: bus-powered hub with either individual-port power management or ganged-port power
management, and the self-powered hub with either individual-port power management or ganged-port power
management. Texas Instruments supplies the complete hub solution because we offer this TUSB2036 along with
the power-management devices needed to implement a fully USB compliant system.
8.3.2 Clock Generation
The TUSB2036 provides the flexibility of using either a 6-MHz or a 48-MHz clock. The logic level of the MODE
pin controls the selection of the clock source. When MODE is low, the output of the internal APLL circuitry is
selected to drive the internal core of the chip. When MODE is high, the XTAL1 input is selected as the input
clock source and the APLL circuitry is powered down and bypassed. The internal oscillator cell is also powered
down while MODE is high. For 6-MHz operation, TUSB2036 requires a 6-MHz clock signal on XTAL1 pin (with
XTAL2 for a crystal) from which its internal APLL circuitry generates a 48-MHz internal clock to sample the data
from the upstream port. For 48-MHz operation, the clock cannot be generated with a crystal, using the XTAL2
output, since the internal oscillator cell only supports the fundamental frequency. If low-power suspend and
resume are desired, a passive crystal or resonator must be used, although the hub supports the flexibility of
using any device that generates a 6-MHz clock. Because most oscillators cannot be stopped while power is on,
their use prohibits low-power suspend, which depends on disabling the clock. When the oscillator is used, by
connecting its output to the XTAL1 pin and leaving the XTAL2 pin open, its TTL output level cannot exceed 3.6V.
If a 6-MHz oscillator is used, it must be stopped at logic low whenever SUSPND is high. For crystal or resonator
implementations, the XTAL1 pin is the input and the XTAL2 pin is used as the feedback path. A sample crystal
tuning circuit is shown in Figure 5.
NOTE: This figure assumes a 6-MHz fundamental crystal that is parallel loaded. The component values of C1, C2, and Rd
are determined using a crystal from Fox Electronics – part number HC49U-6.00MHz 30\50\0±70\20, which means
±30 ppm at 25°C and ±50 ppm from 0°C to 70°C. The characteristics for the crystal include a load capacitance (CL) of
20 pF, maximum shunt capacitance (Co) of 7 pF, and the maximum ESR of 50 Ω. In order to insure enough negative
resistance, use C1 = C2 = 27 pF. The resistor Rd is used to trim the gain, and Rd = 1.5 kΩ is recommended.
Figure 5. Crystal Tuning Circuit


Similar Part No. - TUSB2036VFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036VFRG4 TI1-TUSB2036VFRG4 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results

Similar Description - TUSB2036VFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046B TI1-TUSB2046B_16 Datasheet
1Mb / 28P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com