Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB2036VF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2036VF
Description  2- or 3-Port Hub for the Universal Serial Bus
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2036VF Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB2036VF Datasheet HTML 2Page - Texas Instruments TUSB2036VF Datasheet HTML 3Page - Texas Instruments TUSB2036VF Datasheet HTML 4Page - Texas Instruments TUSB2036VF Datasheet HTML 5Page - Texas Instruments TUSB2036VF Datasheet HTML 6Page - Texas Instruments TUSB2036VF Datasheet HTML 7Page - Texas Instruments TUSB2036VF Datasheet HTML 8Page - Texas Instruments TUSB2036VF Datasheet HTML 9Page - Texas Instruments TUSB2036VF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
TUSB2036
SLLS372H – MARCH 2000 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB2036
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage levels are with respect to GND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.5
3.6
V
VI
Input voltage
–0.5
VCC + 0.5
V
VO
Output voltage
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 V or VI < VCC
±20
mA
IOK
Output clamp current
VO < 0 V or VO < VCC
±20
mA
TA
Operating free-air temperature
0
70
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
(1)
Applies for input and bidirectional buffers.
(2)
Applies for output and bidirectional buffers.
(3)
These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150°C. The customer is
responsible for verifying junction temperature.
7.3 Recommended Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage, TTL/LVCMOS(1)
0
VCC
V
VO
Output voltage, TTL/LVCMOS(2)
0
VCC
V
VIH(REC)
High-level input voltage, signal-ended receiver
2
VCC
V
VIL(REC)
Low-level input voltage, signal-ended receiver
0.8
V
VIH(TTL)
High-level input voltage, TTL/LVCMOS(1)
2
VCC
V
VIL(TTL)
Low-level input voltage, TTL/LVCMOS(1)
0
0.8
V
TA
Operating free-air temperature
0
70
°C
R(DRV)
External series, differential driver resistor
22 (–5%)
22 (+5%)
f(OPRH)
Operating (dc differential driver) full speed mode
12
Mb/s
f(OPRL)
Operating (dc differential driver) low speed mode
1.5
Mb/s
VICR
Common mode, input range, differential receiver
0.8
2.5
V
tt
Input transition times, TTL/LVCMOS (1)
0
25
ns
TJ
Junction temperature range(3)
0
115
°C


Similar Part No. - TUSB2036VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036VF TI-TUSB2036VF Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VF TI1-TUSB2036VF Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VFG4 TI1-TUSB2036VFG4 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VFR TI1-TUSB2036VFR Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036VFRG4 TI1-TUSB2036VFRG4 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results

Similar Description - TUSB2036VF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2046B TI1-TUSB2046B_16 Datasheet
1Mb / 28P
[Old version datasheet]   4-Port Hub for the Universal Serial Bus
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2043 TI-TUSB2043 Datasheet
228Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI1-TUSB2077A_17 Datasheet
975Kb / 26P
[Old version datasheet]   7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
TUSB2040A TI-TUSB2040A Datasheet
262Kb / 17P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046B TI-TUSB2046B Datasheet
323Kb / 21P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046 TI-TUSB2046 Datasheet
230Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2046A TI-TUSB2046A Datasheet
232Kb / 16P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2077A TI-TUSB2077A Datasheet
242Kb / 16P
[Old version datasheet]   7-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com