Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65983 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65983
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65983 Datasheet HTML 5Page - Texas Instruments TPS65983 Datasheet HTML 6Page - Texas Instruments TPS65983 Datasheet HTML 7Page - Texas Instruments TPS65983 Datasheet HTML 8Page - Texas Instruments TPS65983 Datasheet HTML 9Page - Texas Instruments TPS65983 Datasheet HTML 10Page - Texas Instruments TPS65983 Datasheet HTML 11Page - Texas Instruments TPS65983 Datasheet HTML 12Page - Texas Instruments TPS65983 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
TPS65983
www.ti.com
SLVSD93 – OCTOBER 2015
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN_3V3
2.85
3.45
PP_5V0
4.75
5.5
Input voltage
VI
PP_CABLE
2.95
5.5
V
range(1)
PP_HV
4.5
22
VDDIO
1.7
3.45
VBUS
4
22
I/O voltage
VIO
C_USB_PT, C_USB_NT, C_USB_PB, C_USB_NB, C_SBU1, C_SBU2
–2
5.5
V
range(1)
C_CC1, C_CC2
0
5.5
TA
Ambient operating temperature range
–10
85
°C
TB
Operating board temperature range
–10
100
°C
TJ
Operating junction temperature range
–10
125
°C
(1)
All voltage values are with respect to network GND. All GND pins must be connected directly to the GND plane of the board.
7.4 Thermal Information
TPS65983
THERMAL METRIC(1)
ZQZ (BGA)
UNIT
96 BALLS
RθJA
Junction-to-ambient thermal resistance
42.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.4
°C/W
RθJB
Junction-to-board thermal resistance
13.0
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
13.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65983


Similar Part No. - TPS65983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983BAZBHR TI1-TPS65983BAZBHR Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983BAZQZR TI1-TPS65983BAZQZR Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
More results

Similar Description - TPS65983

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981 TI1-TPS65981_16 Datasheet
2Mb / 98P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982_J1 TI1-TPS65982_J1 Datasheet
3Mb / 121P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_16 Datasheet
2Mb / 117P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65982 TI1-TPS65982_19 Datasheet
2Mb / 113P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
TPS65983B TI1-TPS65983B_18 Datasheet
2Mb / 120P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982 TI-TPS65982 Datasheet
3Mb / 114P
[Old version datasheet]   TPS65982 USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com