Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S521DBTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S521DBTRG4
Description  Single-Chip HDMI Transmitter Port Protection and Interface Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S521DBTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPD12S521DBTRG4 Datasheet HTML 1Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 2Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 3Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 4Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 5Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 6Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 7Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 8Page - Texas Instruments TPD12S521DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
TPD12S521
SLVS639F – OCTOBER 2007 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPD12S521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V5V_SUPPLY
Supply voltage
–0.3
6
V
VLV_SUPPLY
VI/O
DC voltage at any channel input
–0.5
6
V
Tstg
Storage temperature range
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per MIL-STD-
883, Method 3015, CDISCHARGE = 100 pF,
RDISCHARGE = 1.5 kΩ
(1)
Pins 1, 2, 16–19, 37, 38
±2000
V
IEC 61000-4-2 Contact Discharge(2)
Pins 4, 7, 10, 13, 20–24,
27, 30, 33
±8000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
TA
Operating free-air temperature
–40
85
°C
5V_SUPPLY
Operating supply voltage
5
5.5
V
LV_SUPPLY
Bias supply voltage
1
3.3
5.5
V
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPD12S521
UNIT
DBT
38 PINS
RθJA
Junction-to-ambient thermal resistance
83.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.8
RθJB
Junction-to-board thermal resistance
44.7
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
44.1


Similar Part No. - TPD12S521DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S521DBTRG4 TI-TPD12S521DBTRG4 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTRG4 TI-TPD12S521DBTRG4 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
More results

Similar Description - TPD12S521DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521_08 Datasheet
670Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_14 Datasheet
469Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com