Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C161O-LM3V Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAF-C161O-LM3V
Description  16-Bit Single-Chip Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161O-LM3V Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAF-C161O-LM3V Datasheet HTML 7Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 8Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 9Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 10Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 11Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 12Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 13Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 14Page - Infineon Technologies AG SAF-C161O-LM3V Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
C161K
C161O
Data Sheet
7
V2.0, 2001-01
RSTIN
65
I/O
Reset Input with Schmitt-Trigger characteristics. A low level
at this pin while the oscillator is running resets the C161K/O.
An internal pullup resistor permits power-on reset using only
a capacitor connected to
VSS. A spike filter suppresses input
pulses < 10 ns. Input pulses >100 ns safely pass the filter.
The minimum duration for a safe recognition should be
100 ns + 2 CPU clock cycles.
In bidirectional reset mode (enabled by setting bit BDRSTEN
in register SYSCON) the RSTIN line is internally pulled low
for the duration of the internal reset sequence upon any reset
(HW, SW, WDT). See note below this table.
Note: To let the reset configuration of PORT0 settle a reset
duration of ca. 1 ms is recommended.
RST
OUT
66
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or
a watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
67
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI
pin must be low in order to force the C161K/O to go into
power down mode. If NMI is high, when PWRDN is
executed, the part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
P6
P6.0
P6.1
P6.2
P6.3
68
69
IO
O
O
Port 6 is a 4-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 6 outputs can be configured as push/
pull or open drain drivers.
The Port 6 pins also serve for alternate functions:
CS0
Chip Select 0 Output
CS1
Chip Select 1 Output
70
71
O
O
CS2
Chip Select 2 Output
CS3
Chip Select 3 Output
These chip select outputs are only available in the C161O.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num
Input
Outp.
Function


Similar Part No. - SAF-C161O-LM3V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C161PI INFINEON-SAF-C161PI Datasheet
5Mb / 400P
   16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Siemens Semiconductor G...
SAF-C161RI SIEMENS-SAF-C161RI Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAF-C161S INFINEON-SAF-C161S Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
SAF-C161S-L25M INFINEON-SAF-C161S-L25M Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
SAF-C161S-LM3V INFINEON-SAF-C161S-LM3V Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
More results

Similar Description - SAF-C161O-LM3V

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com