Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDKZ1Q0200 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ1Q0200
Description  Rotary type power switch with encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ1Q0200 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ1Q0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ1Q0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ1Q0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ1Q0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDKZ1Q0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
176
176
1. Safety Standards Outline
Safety standards are established by a country or an organization representing it to protect
general users from electrical shock and fire hazards. It establishes standards for electrical
devices and components. For electrical equipment manufacturers, utilizing switches that have
been safety-approved ensures the safety of the switch. The use of a safety-approved switch also
simplifies at least one part of the process of obtaining certification by safety testing.
2. Major Safety Standards
(1)Electrical Appliance and Material Safety Law
The conventional [Electrical Appliance and Material Control Law] has changed to [Electrical
Appliance and Material Safety Law] and has been enforced since April 1, 2001. Electrical
appliances are categorized into special electric appliances and parts(formerly Class A)and
Electrical appliances other than the special electric appliances(formerly Class B).Special
electric appliances are required to receive goodness of fit test at a certified test agency and to
store the certificate. Also, penal provisions have been reinforced.
(2)UL(Underwriters Laboratories Inc.)
Underwriters Laboratories Inc.(UL)is the American safety approving organization. Its purpose is
to ensure consumer safety and protect them from fire hazards. State law requires that equipment
to be exported to the United States utilize UL approved power switches or power switches
meeting UL standards and capable of passing UL tests.
SDDJE, SDDJF, SDKP,
SDDJF1A, SDKZ, SDDE
350±10℃
3+1/0s
SDKR
300±10℃
3±0.5s
Series
Soldering
temperature
Soldering time
Reference for Hand Soldering
Reference for Dip Soldering
(For PC board terminal types and SDDJF right-angle
terminal types)
SDKR, SDDJE, SDDJF,
SDKP, SDKZ, SDDE
260±5℃
10±1s
Series
Dip soldering
Soldering temperature Duration of immersion
Power Switches Cautions
Power Switches Safety Standards
1. The primary power supply switching is subject to the safety regulations, and the provisions differ by
each destination. Consult with us for non-standard use cases.
2. An unstable contact may occur if the switch current is lower than 0.5A. For this case, consult with us.
3. These power switches were produced for alternating current. For direct current, consult with us.
4. Appling load to terminals during soldering under certain conditions may cause deformation and electrical
property degradation.
5. Avoid use of water-soluble soldering flux, since it may corrode the switches.
6. When soldering twice, wait until the first soldered portion cools to normal temperature. Continuous
heating will deform the external portions, loosen or dislodge terminals, or may deteriorate their electrical
characteristics.
7. Before soldering switches with locking mechanism, release the locks. If they are soldered without
releasing the locks, the soldering heat may deform the locking mechanism.
8. Be sure to release the locks before removing the knobs. Otherwise, the locking mechanism may be
broken.
9. Be sure to use the switch with forced travel positioned as close to the total travel as possible.
10. Tighten the mounting screws by applying the specified torque. Tightening with a larger torque than the
specified will result in malfunction or breakage of screws.
11. Corrosive gas if generated by peripheral parts of a set, malfunction such as imperfect contact may
occur. Thorough investigation shall be required beforehand.
12. Storage
Store the products as delivered at normal temperature and humidity, out of direct sunlight and away
from corrosive gases. Use them as soon as possible and no later than six months after delivery.
Once the seal is broken, use them as soon as possible.
Power Switches Soldering Conditions


Similar Part No. - SDKZ1Q0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKZ1Q0200 ALPS-SDKZ1Q0200 Datasheet
262Kb / 4P
   Rotary Type Power Switch with Encorder
More results

Similar Description - SDKZ1Q0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
   Rotary Type Power Switch with Encorder
logo
Bourns Electronic Solut...
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
   Rotary Optical Encoder w/Switch
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
   12mm Rotary Encoder with LED
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
   Incremental type two-phase rotary encoder
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
   14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com