Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDKZ1F0200 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKZ1F0200
Description  Rotary type power switch with encoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKZ1F0200 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SDKZ1F0200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDKZ1F0200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
174
174
Rotary Type with Encoder
SDKZ
Standard Code
27.25$
27.25$ 13-23.5
$
1
2
15
Circuit Diagram(Power Switch)
12
1A
2A
34
56
8
CODE
POS
TERM 123 4 567 89 10 11 12 13 14 15
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
SDKZ1F0200
TERM
16-22.5$
Circuit Diagram(Power Switch)
12
1A
2A
34
56
8
16 1
2
15
CODE
POS
123 45 67 89 10 11 12 13 14 15 16
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
SDKZ1G0200
1
2
1A
2A
3
4
5
67
8
4-30$ 16-15
$
23 24
3
1 2
CODE
TERM
POS
123 4 567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
Circuit Diagram(Power Switch)
SDKZ1K0200
12
1A
2A
34
56
78
21
20
3
2
CODE
TERM
POS
123 45 67 89 10 11 12 13 14 15 16 17 18 19 20 21
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
1
Circuit Diagram(Power Switch)
SDKZ1M0200
24-15$
1
24
23
3
2
12
1A
2A
34
56
78
CODE
TERM
POS
123 45 67 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
Circuit Diagram(Power Switch)
SDKZ1Q0200
Circuit Diagram(Power Switch)
12
1A
2A
34
56
78
2-19$
24 25
3
2
1
CODE
TERM
POS
123 4 567 89 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Power contacts1-2
Condification contact3
Condification contact4
Condification contact5
Condification contact6
Condification contact7
SDKZ1R0200


Similar Part No. - SDKZ1F0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKZ1F0200 ALPS-SDKZ1F0200 Datasheet
262Kb / 4P
   Rotary Type Power Switch with Encorder
More results

Similar Description - SDKZ1F0200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ Datasheet
262Kb / 4P
   Rotary Type Power Switch with Encorder
logo
Bourns Electronic Solut...
EM14-14 BOURNS-EM14-14 Datasheet
462Kb / 5P
   Rotary Optical Encoder w/Switch
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
   12mm Rotary Encoder with LED
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
   Incremental type two-phase rotary encoder
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
   14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com