Electronic Components Datasheet Search |
|
RK09L1220F15C0B203 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD. |
|
RK09L1220F15C0B203 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD. |
1 / 6 page 313 9mm Size Metal Shaft Snap-in Type RK09L Single-unit and dual-unit types suit a variety of controls Product Line Number of resistor elements Mounting direction Horizontal type Vertical type Horizontal type for tone Horizontal type for vol. Vertical type for tone Vertical type for vol. Shaft type Flat Length of the shaft L1(mm) 15 20 12.5 15 20 25 25 15 20 15 20 15 Center detent Without With With With Without Total resistance (k Ω) 10 20 10 50 5 10 Resistance taper 1B 3B 15A 1B 15A 1B Products No. RK09L1120A2S RK09L112003P RK09L1120A69 RK09L1140A5E RK09L1140A66 RK09L1140A5P RK09L1140A2U RK09L114001T RK09L1140A65 RK09L122002M RK09L1220A1B RK09L12B0A31 RK09L12B0A3Z RK09L124000Z RK09L1240A12 RK09L12D0A1W RK09L12D0A1T Minimumorder unit(pcs.) Japan Export 1,000 2,000 Drawing No. 1 2 3 4 Single-unit Dual-unit Refer to P.315 for other specifications. Refer to P.315 for attached parts. Refer to P.316 for ordering products not listed. Refer to P.349 for soldering conditions. Other varieties are also available. Refer to "Other Specifications" (P.315). Note Without With Without Without 50 100 50 10 50 10 15A 15A ■ Typical Specifications Items Specifications Total resistance tolerance ±20% Maximum operating voltage 50V AC, 10V DC Total rotational angle 300°±5° Rotational torque 2 to 25mN・m Operating life 15,000 cycles Operating temperature range −10℃ to +70℃ Packing Specifications Tray Number of packages(pcs.) Export package measurements (mm) 1 case /Japan 1 case /export packing 1,000 2,000 364×473×176 |
Similar Part No. - RK09L1220F15C0B203 |
|
Similar Description - RK09L1220F15C0B203 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |