Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPS30C60T-H Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPS30C60T-H
Description  SLLIMM??small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60T-H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPS30C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 9Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 10Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 11Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 12Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 13Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 14Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID025530 Rev 3
11/19
STGIPS30C60T-H
Electrical characteristics
19
3.1.1
NTC thermistor
Equation 1: resistance variation vs. temperature
Where T are temperatures in Kelvins
Figure 7. NTC resistance vs. temperature
Figure 8. NTC resistance vs. temperature (zoom)
Table 13. NTC thermistor
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit.
R25
Resistance
T = 25°C
4.7
k
Ω
R125
Resistance
T = 125°C
160
Ω
B
B-constant
T = 25°C to 85°C
3950
K
T
Operating temperature
-40
150
°C
RT
()
R
25
e
B
1
T
---
1
298
----------


=
AM16299v1
0
20
40
60
80
100
120
140
160
180
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 (°C)
NTC [kΩ]
MIN.
MAX.
CENTER
AM17098v1
(°C)
NTC [kΩ]
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145
MIN.
MAX.
CENTER


Similar Part No. - STGIPS30C60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
More results

Similar Description - STGIPS30C60T-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
   SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
April 2016 Rev 1
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
   SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
   SLLIMM??nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
September 2014 Rev 1
STGIB15CH60TS-X STMICROELECTRONICS-STGIB15CH60TS-X Datasheet
2Mb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT
September 2021 Rev 2
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com