Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB46N30M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB46N30M5
Description  Excellent switching performance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB46N30M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB46N30M5 Datasheet HTML 2Page - STMicroelectronics STB46N30M5 Datasheet HTML 3Page - STMicroelectronics STB46N30M5 Datasheet HTML 4Page - STMicroelectronics STB46N30M5 Datasheet HTML 5Page - STMicroelectronics STB46N30M5 Datasheet HTML 6Page - STMicroelectronics STB46N30M5 Datasheet HTML 7Page - STMicroelectronics STB46N30M5 Datasheet HTML 8Page - STMicroelectronics STB46N30M5 Datasheet HTML 9Page - STMicroelectronics STB46N30M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STB46N30M5
6/17
DocID026126 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
100
10
1
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10µs
1ms
100µs
0.1
Tj=150°C
Tc=25°C
Single pulse
10ms
100
AM18133v1
ID
0
0
5
VDS(V)
10
(A)
15
80
6V
7V
VGS=10V
20
40
60
100
20
8V
9V
120
140
AM18134v1
ID
60
40
20
0
3
5
VGS(V)
7
(A)
4
6
8
80
VDS=25V
9
100
120
140
AM18135v1
VGS
6
4
2
0
0
40
Qg(nC)
(V)
8
60
80
10
VDD=240V
ID=24A
12
150
100
50
0
200
250
VDS
20
100
VDS
(V)
AM18136v1
RDS(on)
0.034
0.032
0.03
0
20
ID(A)
(
Ω)
10
30
0.036
VGS=10V
40
50
0.038
0.04
AM18137v1


Similar Part No. - STB46N30M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB46NF30 STMICROELECTRONICS-STB46NF30 Datasheet
1Mb / 19P
   N-channel 300 V, 0.063 廓 typ, 42 A, STripFET??II Power MOSFET in D2PAK, TO-220 and TO-247 packages
logo
Inchange Semiconductor ...
STB46NF30 ISC-STB46NF30 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB46N30M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
logo
CML Microcircuits
FX919B CMLMICRO-FX919B Datasheet
1Mb / 47P
   Excellent Radio Fading Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com