Electronic Components Datasheet Search |
|
SPC574K72E5 Datasheet(PDF) 9 Page - STMicroelectronics |
|
SPC574K72E5 Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 127 page DocID023601 Rev 5 9/127 SPC574Kxx Introduction 126 1 Introduction 1.1 Document overview This document provides electrical specifications, pin assignments, and package diagrams for the SPC574Kxx series of microcontroller units (MCUs). For functional characteristics, see the SPC574Kxx microcontroller reference manual. 1.2 Description This family of MCUs targets automotive powertrain controller applications for four-cylinder gasoline and diesel engines, chassis control applications, transmission control applications, steering and braking applications, as well as low-end hybrid applications. Many of the applications are considered to be functionally safe and the family is designed to achieve ISO26262 ASIL-D compliance. 1.3 Device feature summary Table 2. SPC574Kxx device feature summary Feature Description Process 55 nm Main processor Core e200z4 Number of main cores 1 Number of checker cores 1 Local RAM (per main core) 16 KB Instruction 64 KB Data Single precision floating point Yes VLE Yes Cache 4 KB Instruction 2 KB Data I/O processor Core e200z2 Local RAM 16 KB Instruction 48 KB Data Single precision floating point Yes LSP Yes VLE Yes Cache No Main processor frequency 160 MHz I/O processor frequency 80 MHz MPU Yes |
Similar Part No. - SPC574K72E5 |
|
Similar Description - SPC574K72E5 |