Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N11S4006 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N11S4006
Description  The thinnest possible body contributes to reduced size, height and weight of the set product
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N11S4006 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RS60N11S4006 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N11S4006 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N11S4006 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N11S4006 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60N11S4006 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type
Low-profile master type
Motor-driven master type
Series
N Fader
Slim Type
Super P Fader
Motor N Fader
Motor K Fader
Motor V Fader
RS □□ N
RS □□ N11S RS6011 □ P RS □□ N1 □ M RSA0K1 □ V
RSA0V11M
Single-unit/Dual-unit
Single-unit
Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit
Single-unit
Photo
Travel(mm)
60, 100
60
60, 100
100
100
Direction of lever
Vertical
Lever material
Metal
Resin
Operating temperature range
−10℃ to +60℃
Operating life
30,000 cycles
30,000 cycles
300,000 cycles 100,000 cycles
Available for automotive use
Life cycle
Electrical
performance
Total resistance
(k Ω)
10, 50, 100, 250
10, 20, 50
10, 50, 100, 250
10
10
Resistance taper
15A, 1B, 10A
Single-unit:1B
Dual-unit:Servo 1B
Audio 15A, 1B, 10A
1B
Rated Power
0.1W (RS60N)
0.25W (RSA0N)
0.2W (RS60N11S)
0.5W (RSA0N11S)
0.2W (Single-unit)
0.1W (Dual-unit)
0.2W (RS60N1□M)
0.5W (RSA0N1□M)
0.5W
Insulation resistance
100MΩ min. 250V DC
Voltage proof
250V AC for 1 minute
Center-taps
Without
Mechanical
performance
Operating force
Single-unit:0.3   N
Dual-unit:0.4    N
0.3   N
0.5   N
0.8±0.5N
Single-unit:0.4±0.25N
Dual-unit:0.25 to 0.9N
Center detent
Without
Stopper strength
100N
10N
Lever push-pull strength
50N
5N
Lever wobble(mm)
※ Both sides
2(2×L)
25
Lever deviation(mm)
0.5 max.(One side)
Terminal style
Insertion
Lead, Insertion Connector(Fader)
Lead(Motor)
Connector
Page
410
414
417
420
Slide Potentiometers Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 426
Potentiometer Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
388
List of Varieties
Slide Potentiometers
Notes
1. Attenuation is specified for residual resistance.
2. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
+0.5
−0.25
+1.0
−0.4
+0.5
−0.25
+0.5
−0.35


Similar Part No. - RS60N11S4006

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
logo
List of Unclassifed Man...
RS60N11S4006 ETC-RS60N11S4006 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS60N11S4006

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
   The high accuracy space saving design contributes to reduced weight and size of sets
logo
HOKURIKU ELECTRIC INDUS...
HAP-BME-20-13N01 HOKURIKU-HAP-BME-20-13N01 Datasheet
362Kb / 1P
   Industry-thinnest contributes miniaturization of application
logo
E&E Magnetic Products L...
832-00550F EEMAGNETIC-832-00550F Datasheet
497Kb / 2P
   Applicable for the miniaturization required to reduce the size and weight of portable equipment
logo
Panasonic Semiconductor
AXE510124 PANASONIC-AXE510124 Datasheet
321Kb / 6P
   The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
   Insert the shank of the nest into the yoke and tighten the set screw.
logo
Mitsumi Electronics, Co...
M35SP-11NK MITSUMI-M35SP-11NK Datasheet
45Kb / 2P
   Thinnest body among the Model series with 35 Diameter
logo
PHOENIX CONTACT
2719629 PHOENIX-2719629 Datasheet
66Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2722771 PHOENIX-2722771 Datasheet
67Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
2725888 PHOENIX-2725888 Datasheet
64Kb / 4P
   The wide range of INTERBUS analog input modules makes it possible to choose the ideal product for a variety of applications.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com