Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N111900H Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N111900H
Description  Low-profile type with excellent operability adds flexibility in set design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N111900H Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RS60N111900H_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N111900H_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N111900H_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N111900H_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60N111900H_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS60N111900H_15 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
412
In addition to the products listed, we can accommodate the follow specifications.
Configuration code
1
4
9-T
(T-Bar)
Dimensions
8
8
5
4
3
3
18.5
(14.5)
(8)
1.5
t=1.2
t=1.2
t=1.2
Unit:mm
Notes
Marked are specifications recommended by Alps.
Note
Lever Types
10
50
100
250
15A
1B
10A
Total resistance(k Ω)
Resistance taper
Total Resistance Variety
Resistance Taper
Corresponding Specification
Dust cover
Available
Terminal Layout / Circuit Diagram(Viewed from Mounting Side)
Single-unit
Dual-unit
Low-profile Master Type (N Fader) / Other Specifications


Similar Part No. - RS60N111900H_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N111900H ALPS-RS60N111900H Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
RS60N111900H ALPS-RS60N111900H Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
logo
List of Unclassifed Man...
RS60N111900H ETC-RS60N111900H Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS60N111900H_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN ALPS-RSN Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
   Low-profile 6.4mm height contributes to flexibility in set design
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com