Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS20H113C008 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RS20H113C008
Description  Compact total length of travel 15mm and improved operating feel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS20H113C008 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RS20H113C008 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type
Standard Type
Master Type
Series
Super SlideTM
Slim SlideTM(Slim4)
Compact Reflow Type
K Fader
RS □□ 1
RS □□ H
RS08U
RS □□ K
Single-unit/Dual-unit
Single-unit/Dual-unit
Single-unit
Single-unit/Dual-unit
Photo
Travel(mm)
15, 20, 30, 45, 60
15, 20, 30
8
60, 100
Direction of lever
Vertical
Horizontal
Vertical Horizontal
Vertical
Lever material
Metal / Resin
Resin
Metal
Operating temperature range
−25℃ to +70℃
−10℃ to +70℃
−10℃ to +60℃
Operating life
15,000 cycles
10,000 cycles
100,000 cycles (Standard)
300,000 cycles(CP)
Available for automotive use
Life cycle (availability)
Electrical
performance
Total resistance
(k Ω)
10, 20, 50, 100,
200
5, 10, 20, 50, 100, 200, 250
10
10, 50, 100(Standerd)
10(CP)
Resistance taper
10A, 15A, 1B, 3B,
4B
15A, 1B, 3B
1B
15A, 1B
Rated Power
Please see P.395
Please see P.402
0.025W
0.25W
Insulation
resistance
100MΩ min.
250V DC
Dual-unit:100MΩ min. 250V DC
100MΩ min.
100V DC
100MΩ min.
250V DC
Voltage proof
300V AC for 1
minute
Dual-unit:300V AC for 1 minute
100V AC for 1
minute
250V AC for 1
minute
Center-taps
Without / With
Without
Mechanical
performance
Operating force
0.3 to 2.5N
0.6
N
0.17±0.15N
Please see P.408
Center detent
Without / With
Without
Stopper strength
50N
30N
5N
100N
Lever push-pull strength
50N
30N
5N
100N
Lever wobble(mm)
※ Both sides
2(2×L)
20
1.6 max.
2(2×L)
25
Detent slip-out force
Operating force +
(0.2 to 2N)
Operating force +0.3
N
Lever deviation(mm)
※ One side
0.5 max.
0.5 max.
Terminal style
Insertion
Reflow
Lead(Standard)
Connector(CP)
Page
389
398
404
405
Slide Potentiometers Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 426
Potentiometer Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
387
List of Varieties
Slide Potentiometers
1.“L”in the“Lever Wobble”column of the above table indicates the length of lever.
2.「RS □□」
□□ indicates travel.
3. Indicates applicability to some products in the series.
Notes
+0.5
−0.4
+0.5
−0.25


Similar Part No. - RS20H113C008

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS20H113C008 ALPS-RS20H113C008 Datasheet
986Kb / 8P
   Compact total length of travel 15mm
logo
List of Unclassifed Man...
RS20H113C008 ETC-RS20H113C008 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS20H113C008

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-H ALPS-RS-H Datasheet
986Kb / 8P
   Compact total length of travel 15mm
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RKJXU ALPS-RKJXU Datasheet
785Kb / 2P
   Omnidirectional input device realizing a smooth operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com