Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKJXY Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RKJXY
Description  Low-profile tilting stick controller with excellent operating feel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RKJXY Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RKJXY Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RKJXY Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
433
Type
Variable resistor type
Series
RKJXK
RKJXV
RKJXY
RKJXU
Photo
Dimensions
(typical value)
(mm)
W
20.7
17.8
19.6
18.6
D
25.4
21.3
18.1
24.3
H
12.9
11.2
4.9
5.2
Number ofoperating shafts
Single-shaft
Shaft material
Metal
Resin
Directional resolution
Continuous
Directional operating feeling
(tactile feeling)
Without
Lever return mechanism
With / Without
With
Center-push switch
With / Without
Without
Encoder
Without
Operating temperature range
−10℃ to +70℃
Operating
life
Directional operation
100,000 cycles
2,000,000 cycles
1,000,000 cycles
2,000,000 cycles
Center-push
100,000 cycles
500,000 cycles
Automotive use
Life cycle (availability)
Electrical
performance
Insulation resistance
100MΩ min. 250V DC
Voltage proof
250V AC for 1 minute
Slider noise
300mV p-p max. by JIS method
Mechanical
performance
Directional
operating force
8mN・m max. Without Lever return mechanism
6±4mN・m With Lever return mechanism
14±10mN・m
0.43±0.25N
0.73±0.3N
Push operating force
5.2±2.6N
7.4±3N
Lever return precision
±5°
±0.1mm
Actuator
strength
Push / pull
directions
50N min.(Push/Pull)
98N min.(Push),50N min.(Pull) 100N min.(Push),49N min.(Pull)100N min.(Push),30N min.(Pull)
Operating
direction
0.3N・m
50N
Environmental
performance
Cold
−30℃ 96h
Dry heat
80℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
Page
437
440
441
Variable Resistor Type Multi Control Devices Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 442
Variable Resistor Type Multi Control Devices Cautions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 442
● Variable Resistor Type
● Switch Type
437
443
Multi Control
Devices
NEW
List of Varieties
Multi Control Devices
NEW


Similar Part No. - RKJXY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RKJXY1000006 ETC-RKJXY1000006 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
RKJXY100000A ETC-RKJXY100000A Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RKJXY

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
   Low-profile and good operational feel makes this excellent for car air conditioners
RKJXK ALPS-RKJXK Datasheet
177Kb / 3P
   Stick Controller
SRBD ALPS-SRBD Datasheet
236Kb / 4P
   Heavy-torque Feel, Low-profile Type
SRBD ALPS-SRBD_15 Datasheet
1Mb / 4P
   Heavy-torque Feel, Low-profile Type
RKJXU ALPS-RKJXU Datasheet
785Kb / 2P
   Omnidirectional input device realizing a smooth operating feel
logo
Inchange Semiconductor ...
2N2955HV ISC-2N2955HV Datasheet
108Kb / 2P
   Excellent Safe Operating Area
2N1470 ISC-2N1470 Datasheet
102Kb / 2P
   Excellent Safe Operating Area
BDY20 ISC-BDY20 Datasheet
193Kb / 2P
   Excellent Safe Operating Area
logo
ITT Industries
QSA ITT-QSA Datasheet
227Kb / 2P
   Excellent tactile feel, SMT switch adapted for low current, Only actuate 1 direction at a time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com