Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BXY43 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BXY43
Description  HiRel Silicon PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BXY43 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BXY43 Datasheet HTML 1Page - Infineon Technologies AG BXY43 Datasheet HTML 2Page - Infineon Technologies AG BXY43 Datasheet HTML 3Page - Infineon Technologies AG BXY43 Datasheet HTML 4Page - Infineon Technologies AG BXY43 Datasheet HTML 5Page - Infineon Technologies AG BXY43 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BXY43
Semiconductor Group
2 of 6
Draft B, September 99
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse Voltage
VR
150
V
Forward Current
IF
400
mA
Power Dissipation
1)
Ptot
500
mW
Operating Temperature Range
Top
-55 to +150
°C
Storage Temperature Range
Tstg
-65 to +175
°C
Soldering Temperature
2)
Tsol
+235
°C
Junction Temperature
Tj
150
°C
Thermal Resistance Junction-Case
BXY43-T
BXY43-T1
BXY43-P1
BXY43-FP
Rth(j-c)
100
125
90
100
K/W
Notes.:
1.) For BXY43-T:
At TCASE = 100 °C. For TCASE > 100 °C derating is required.
For BXY43-T1: At TCASE = 87,5 °C. For TCASE > 87,5 °C derating is required.
For BXY43-P1: At TCASE = 105 °C. For TCASE > 105 °C derating is required.
For BXY43-FP: At TCASE = 100 °C. For TCASE > 100 °C derating is required.
2.) During 5 sec. maximum. The same terminal shall not be resoldered until 5 minutes have
elapsed.
Electrical Characteristics
at TA=25°C; unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse Current 1
VR1=150V
IR1
-
-
100
nA
Reverse Current 2
VR2=100V
IR2
-
-
10
nA
Forward Voltage
IF=100mA
VF
-0,97
1
V


Similar Part No. - BXY43

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
logo
Infineon Technologies A...
BXY43 INFINEON-BXY43 Datasheet
194Kb / 5P
   HiRel Silicon PIN Diode
V2, February 2011
logo
Siemens Semiconductor G...
BXY43-FP SIEMENS-BXY43-FP Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43-P1 SIEMENS-BXY43-P1 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43-T SIEMENS-BXY43-T Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results

Similar Description - BXY43

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BXY44 INFINEON-BXY44 Datasheet
490Kb / 6P
   HiRel Silicon PIN Diode
September 99
BXY42 INFINEON-BXY42 Datasheet
414Kb / 5P
   HiRel Silicon PIN Diode
September 99
BXY42 INFINEON-BXY42_11 Datasheet
152Kb / 5P
   HiRel Silicon PIN Diode
V2, February 2011
BXY43 INFINEON-BXY43_11 Datasheet
194Kb / 5P
   HiRel Silicon PIN Diode
V2, February 2011
logo
Siemens Semiconductor G...
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
logo
Infineon Technologies A...
BAS40 INFINEON-BAS40 Datasheet
475Kb / 4P
   HiRel Silicon Schottky Diode
September 99
BAS40 INFINEON-BAS40_11 Datasheet
125Kb / 3P
   HiRel Silicon Schottky Diode
V2, February 2011
BAS70 INFINEON-BAS70_11 Datasheet
125Kb / 3P
   HiRel Silicon Schottky Diode
V2, Februar 2011
BAS70 INFINEON-BAS70 Datasheet
470Kb / 4P
   HiRel Silicon Schottky Diode
1998
BAS70 INFINEON-BAS70_07 Datasheet
36Kb / 4P
   HiRel Silicon Schottky Diode
2007-08-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com