Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFLVDS228AK1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFLVDS228AK1
Description  Rad-hard, dual 4x4 crosspoint switch LVDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS228AK1 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFLVDS228AK1 Datasheet HTML 1Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 2Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 3Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 4Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 5Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 6Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 7Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 8Page - STMicroelectronics RHFLVDS228AK1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
October 2013
DocID025373 Rev 1
1/16
RHFLVDS228A
Rad-hard, dual 4x4 crosspoint switch LVDS
Datasheet
- production data
Features
• LVDS input/output
• Multiple configuration: Mux, repeater and
splitter
• ANSI TIA/EIA-644 compliant
• 400 Mbps LVDS (200 MHz)
• 200 MHz clock channel
• Cold spare on all pins
• Fail-safe function
• 3.3 V operating power supply
• 4.8 V absolute rating
• Hermetic package
• Power consumption: 220 mW at 3.3 V
• Large input common mode: -4 V to +5 V
• Guaranteed up to 300 krad TID
• SEL immune up to 135 MeV.cm²/mg
• SET/SEU immune up to 22 MeV.cm²/mg
Description
The RHFLVDS228A is an 8-channel, 4x4
crosspoint switch base, on low voltage differential
signaling (LVDS) for low-power and high-speed
communications. The two 4x4 multiplexers allow
connection from any of the four inputs to any of
the four outputs.
Packaged and qualified for use in aerospace
environments in a low-power, fast-transmission
standard, the RHFLVDS228A operates at 3.3 V
power supply (3.6 V max. operating and 4.8 V
AMR) and a common mode of -4 V to +5 V. The
LVDS outputs operate over a controlled
impedance of 100-ohm transmission media that
may be printed circuit board traces, back planes,
or cables.
The circuit features an internal fail-safe function to
ensure a known state in case of an input short
circuit or a floating input.
All pins have cold spare buffers to ensure they are
in high impedance when VCC is tied to GND. The
RHFLVDS228A can operate over a wide
temperature range of -55 °C to +125 °C and it is
housed in an hermetic Ceramic Flat-64 package.
Ceramic Flat-64
The upper metallic lid is
electrically connected to ground.
Table 1. Device summary
Reference
SMD pin
Quality level
Package Lead finish
Mass
EPPL(1)
1. EPPL = ESA preferred part list
Temp. range
RHFLVDS228AK1
-
Engineering
model
Ceramic
Flat-64
Gold
-
-
-55 °C to
125 °C
RHFLVDS228AK01V(2)
2. Not yet in full production
TBD
QML-V flight
Target
www.st.com


Similar Part No. - RHFLVDS228AK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
RHFLVDS2281K01V STMICROELECTRONICS-RHFLVDS2281K01V Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
RHFLVDS2281K1 STMICROELECTRONICS-RHFLVDS2281K1 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
More results

Similar Description - RHFLVDS228AK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com