Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFLVDS228A Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFLVDS228A
Description  Rad-hard, dual 4x4 crosspoint switch LVDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS228A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFLVDS228A Datasheet HTML 6Page - STMicroelectronics RHFLVDS228A Datasheet HTML 7Page - STMicroelectronics RHFLVDS228A Datasheet HTML 8Page - STMicroelectronics RHFLVDS228A Datasheet HTML 9Page - STMicroelectronics RHFLVDS228A Datasheet HTML 10Page - STMicroelectronics RHFLVDS228A Datasheet HTML 11Page - STMicroelectronics RHFLVDS228A Datasheet HTML 12Page - STMicroelectronics RHFLVDS228A Datasheet HTML 13Page - STMicroelectronics RHFLVDS228A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Test circuit
RHFLVDS228A
10/16
DocID025373 Rev 1
5
Test circuit
Figure 2. Voltage and current definition
Figure 3. Timing and voltage definitions for differential output signal
1. All input pulses are supplied by a generator with the following characteristics: tr or tf
1 ns,
f = 1 MHz, ZO = 50 Ω, and duty cycle = 50 %.
2. The product is guaranteed with CL = 10 pF.
VOD
LVDS
Driver
LVDS
Receiver
OUT+
OUT-
VOS=(VOUT+ + VOUT- )/2
VCM=(VIN+ + VIN-)/2
VID
VIN+
VIN-
IN+
IN-
II
100-ohm
CL=10pF
CL=10pF
VIN+
VIN-
tPHLD
tPLHD
50%
50%
tf
VOD
tr
80%
20%
80%
20%


Similar Part No. - RHFLVDS228A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
RHFLVDS2281K01V STMICROELECTRONICS-RHFLVDS2281K01V Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
RHFLVDS2281K1 STMICROELECTRONICS-RHFLVDS2281K1 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
More results

Similar Description - RHFLVDS228A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com