Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKJXV Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RKJXV
Description  Compact size, standard type. Also available with lever return mechanism
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RKJXV Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RKJXV Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RKJXV Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RKJXV Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RKJXV Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RKJXV Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
439
Prohibited wiring area
2.2
2.2
φ3.5
φ3.5
Ø4
Ø4
77
φ1.5
hole
φ1.5
hole
12.65
12.65
55
8.73
8.73
6-φ1 hole
6-φ1 hole
77
33
22
11
2-φ1.6
hole
2-φ1.6
hole
8.6
8.6
B
13.15
17.5
VR2
b
c
d
SW1
a
11.2
0.75
2.6
18.95
12.45
2.9
Dimention of VR
Height to top frame
1
2
3
Lever return position
Any direction
Height of boss
(10.8)
RKJXV1220
Dimensions
Unit:mm
No.
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
4
RKJXK/RKJXV/ThumbPointerTM(Stick Controller)


Similar Part No. - RKJXV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RKJXV1220001 ETC-RKJXV1220001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
RKJXV1224005 ETC-RKJXV1224005 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RKJXV

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQY ALPS-SKQY_15 Datasheet
901Kb / 4P
   Compact switch with contact sealing structure, also available with ground terminal
logo
OSRAM GmbH
SFH4640EN OSRAM-SFH4640EN Datasheet
481Kb / 13P
   Also available as Sidelooker
logo
Panasonic Semiconductor
AQZ102 PANASONIC-AQZ102 Datasheet
132Kb / 7P
   Slim type with high capacity up to 4A DC load type also available
logo
Littelfuse
SB6000 LITTELFUSE-SB6000 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
logo
Sharp Corporation
S101S06F SHARP-S101S06F Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
logo
Aries Electronics, Inc.
505 ARIES-505 Datasheet
619Kb / 1P
   Pin polarization option also available
logo
Festo Corporation.
8989 FESTO-8989 Datasheet
83Kb / 1P
   Toggle lever valve with idle return
4/8/22
8982 FESTO-8982 Datasheet
83Kb / 1P
   Toggle lever valve with idle return
4/8/22
10749 FESTO-10749 Datasheet
81Kb / 1P
   Toggle lever valve with idle return
4/8/22
8993 FESTO-8993 Datasheet
86Kb / 1P
   Toggle lever valve with idle return
4/8/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com