Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM4F6.0A Datasheet(PDF) 5 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMM4F6.0A
Description  Stand off voltage range - from 5 V to 33 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMM4F6.0A Datasheet(HTML) 5 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMM4F6.0A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMM4F6.0A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMM4F6.0A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMM4F6.0A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd. SMM4F6.0A Datasheet HTML 5Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMM4F
Characteristics
Figure 9.
Leakage current versus junction temperature (typical values)
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
10
100
1000
10000
1
10
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
SMM4F5.0A
SMM4F15A
SMM4F24A
SMM4F33A
C(pF)
V (V)
R
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
j =25 °C
T
j =125 °C
I
(A)
FM
V
(V)
FM
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
ciruit board FR4, SCu = 1 cm
2)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (printed circuit
board FR4, eCu = 35 µm)
0.00
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
On recommended pad
layout
Zth(j-a)/Rth(j-a)
t (S)
p
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Rth(j-a)(°C/W)
S
(cm )
CU
2
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
V
R=VRM
V
BR≤11.7V
V
BR>11.7V
T (°C)
j
I (nA)
R
www.shunyegroup.com.cn
5/5


Similar Part No. - SMM4F6.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F6.0A STMICROELECTRONICS-SMM4F6.0A Datasheet
112Kb / 10P
   High junction temperature Transil
SMM4F6.0A STMICROELECTRONICS-SMM4F6.0A Datasheet
625Kb / 12P
   Unidirectional type
SMM4F6.0A-TR STMICROELECTRONICS-SMM4F6.0A-TR Datasheet
625Kb / 12P
   Unidirectional type
More results

Similar Description - SMM4F6.0A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ13CA-TR STMICROELECTRONICS-SMBJ13CA-TR Datasheet
133Kb / 10P
   Stand off voltage range: from 5 V to 188 V
SMX1J STMICROELECTRONICS-SMX1J Datasheet
194Kb / 11P
   Stand off voltage 7.5 V
logo
NXP Semiconductors
NX3DV221 NXP-NX3DV221_15 Datasheet
1Mb / 19P
   Wide supply voltage range from 2.3 V to 3.6 V
Rev. 4-19 June 2013
logo
List of Unclassifed Man...
SHT3X ETC2-SHT3X Datasheet
706Kb / 13P
   Wide supply voltage range, from 2.4 to 5.5 V
logo
XP Power Limited
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
logo
ETAL Group
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
   Wide range voltage input from AC 340 to 575 V
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
   Stand-off Voltage 5.0 to 188V
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
   Wide range voltage input from AC 340 to 575 V
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
   Wide range voltage input from AC 88 to 264 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com