Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK097111T065 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097111T065
Description  9.5mm width potentiometer ideal for various types of control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097111T065 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK097111T065 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
319
RK097/9mm Size Metal Shaft Multi-ganged Type
Products No.
RK097221005C
RK097221004C
Refer to P.323 for other specifications.
Refer to P.325 for attached parts.
Refer to P.327 for ordering products not listed.
Refer to P.349 for soldering conditions.
1. Other varieties are also available. Refer to "Other Specifications" (P.323, 324).
2. For automotive use, please contact us with detailed specifications.
Notes
Dual-shaft, dual-unit without switch type
Number of
resistor elements
Shaft
Mounting
direction
Shaft
type
Length of the shaft
L1 L2(mm)
Center
detent
Total resistance
(k Ω)
Resistance
taper
Drawing
No.
The outer
shaft
The inner
shaft
The outer
shaft
The inner
shaft
Slotted
Flat
Slotted
Flat
15
25
15
25
Without
10
15A
Minimum order unit(pcs.)
Japan
Export
700
(C type)
1,400
(C type)
12
15C
Product Line
Packing Specifications
Tray
Single-shaft with push-lock mechanism type
Number of
resistor elements
Mounting
direction
Shaft
type
Length of the
shaft L1(mm)
Minimum order unit(pcs.)
Japan
Export
Drawing
No.
Single-unit
Dual-unit
for tone
Dual-unit
for vol
Horizontal
type
Flat
25
Center
detent
Without
With
Without
Products No.
RK097111T065
RK097111TZ17
RK097111T064
RK097111TD2M
RK097111TD44
RK097121TD57
RK097122T017
RK097122TZ0A
700
(C type)
1,400
(C type)
600
(D type)
1,200
(D type)
10
11
Resistance
taper
15A
1B
1B
15A
3B
Total resistance
(k Ω)
10
100
10
10
50
100
Dual-unit
(Single-shaft,
Single-unit)
Minimum order unit type
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
A type
1,200
2,400
375×490×185
B type
800
1,600
373×540×207
C type
700
1,400
373×540×181
D type
600
1,200
373×540×225
Horizontal
type


Similar Part No. - RK097111T065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK097111T065 ETC-RK097111T065 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK097111T065

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
1203149 PHOENIX-1203149 Datasheet
51Kb / 2P
   Control cabinet key, metal, for all common types of control cabinet
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com