Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK097111202Q Datasheet(PDF) 9 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097111202Q
Description  9.5mm width potentiometer ideal for various types of control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097111202Q Datasheet(HTML) 9 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097111202Q Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. RK097111202Q Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
325
Bearing screw
diameter
Dimension
A
B
M6
8
M6
M7
11
M7
M9
11
M9
Bearing screw
diameter
Dimension
A
B
M6
φ10
6.2
M7
φ12
7.2
M9
φ14
9.1
Switch type
Rotary switch
Push-on push-off switch
Momentary push switch
5R1211
5R1212
5R2412
5R2421
5R4211
5R4611
Contact arrangement
Single pole and
single throw
Single pole and double throw
Double Pole Single
throw
Single pole and single throw
Travel
50°max.
1.5±0.5mm
0.5   mm
1.5±0.5mm
Changeover force
50mN・m max.
12±8N
4
N
5±2N
Operating life
under load
10,000 cycles
20,000 cycles
Electrical
performance
Rating
3A 16V DC
(10mA 16V DC
min. rating)
1A 16V DC
(10mA 16V DC
min. rating)
3A 16V DC
(10mA 16V DC min. rating)
0.5A 12V DC
(10mA 12V DC min. rating)
Contact
resistance
100mΩ max. for initial period, 200mΩ max. after operating life.
Insulation
resistance
100MΩ min. 250V DC
Voltage
proof
300V AC for 1 minute
+0.7
−0.3
+4
−2
A
B
0.5
2
A
B×0.75
9mm Size Metal Shaft Multi-ganged Type / Switch Specifications
The following parts are included with the product.
Nut
Washer
9mm Size Metal Shaft Multi-ganged Type / Attached Parts
Unit:mm


Similar Part No. - RK097111202Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK097111202Q ETC-RK097111202Q Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK097111202Q

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
1203149 PHOENIX-1203149 Datasheet
51Kb / 2P
   Control cabinet key, metal, for all common types of control cabinet
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com