Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK1631110TT3 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631110TT3
Description  A wide range of versatile products applicable for various types of control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631110TT3 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK1631110TT3 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631110TT3 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631110TT3 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631110TT3 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631110TT3 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631110TT3 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK1631110TT3 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
333
Dimensions
Unit:mm
10.5
60°
2
R1
C1
7.5
0.3
1.5
1
1
23
15
M7G0.75
LB
R1
L1
Shaft shown in full C.C.W. position
12
C1
2
12.1
15
1
7.5
1.5
0.3
60˚
7
3
2
1
M7x0.75
R1
R2
Shaft shown in full CCW position
L1
No.
1
5
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
Single-shaft, single-unit
RK163111
60゚
10.5
20
7
3
2
2
RK1631110TNP-RV2.EPS
C1
15
12
3
7.5
1.5
0.3
M7
×0.75
1
12
Shaft shown in full
CCW position
2
Single-shaft, single-unit
Lead terminal
RK163111
15
7.5
1.5
1
12
3
15
RK1631110TTU-RV3-
外形図.EPS
0.3
5
2
M7
×0.75
C1
R1
8
10.5
Shaft slot is
optional angle.
3
Single-shaft, single-unit
RK163111
×
4
Single-shaft, single-unit
Lead terminal
RK163111
Single-shaft, dual-unit
RK163121(For tone)
RK16312A(For volume)
×
外形図
6
Single-shaft, dual-unit
RK163121(For tone)
RK16312A(For volume)
15 20
5
7
7
12
L1
LB
R
1
20 25
L1
RK163/16mm Size Metal Shaft Type
3.8
Mounting
surface
3-ø1.2 hole
5
3.8
Mounting
surface
6-ø1.2 hole
RK1631110TTU-RV3-寸法図.EPS
3.8
3–ø1.2 hole
Mounting
surface
6–ø1.2 hole
5
3.8
RK163120-2-RV5-寸法図.EPS
Mounting
surface


Similar Part No. - RK1631110TT3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631110TT3 ALPS-RK1631110TT3 Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
logo
List of Unclassifed Man...
RK1631110TT3 ETC-RK1631110TT3 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631110TT3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com