Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK14K1240062 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK14K1240062
Description  A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK14K1240062 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK14K1240062 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK14K1240062 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
369
In addition to the products listed, we can accommodate the follow specifications.
Total Resistance Variety
Total resistance(k Ω)
5
10
20
50
100
Resistance Taper
Tapped Types are Also Available
Shaft Variety
Resistance taper
15A
1B
3B
15C
RK14K12(for audio volume control)is also available with tap.
Detail
dimensions
Unit:mm
Style
Without bushing
Horizontal type
Vertical type
Horizontal type
Vertical type
With bushing
R1
LM1
R1
LM1
1
L1
LB
LM1
1
L1
LB
LM1
15
20
25
30
4.5
7
12
12
LM1
L1
1
LB
20
12.5
7
5
22.5
15
7
5
25
17.5
12
5
27.5
20
12
5
30
22.5
12
5
32.5
25
12
5
Knob dimensions
4.5
C0.5
LM1 =15 only application
1.5
R1
Terminal Layout / Circuit Diagram
For tone and for volume(15C)
Without tap for volume
With tap for volume
2
3
1
1
Dummy
Dummy
1
1
2
2
3
3
2
3
1
2
3
3
1
4
4
2
1
1
2
2
3
3
4
4
12
3
2
3
1
Dummy
1
1
2
2
3
3
Refer to P.370 for ordering products not listed.
     Marked are specifications recommended by Alps.
Note
14mm Size Insulated Shaft Snap-in Type / Other Specifications


Similar Part No. - RK14K1240062

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K1240062 ALPS-RK14K1240062 Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK14K1240062 ETC-RK14K1240062 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK14K1240062

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
   A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
List of Unclassifed Man...
E102A ETC2-E102A Datasheet
363Kb / 1P
   Electronic Sounders Audio or Audible/Visual
logo
QUARTZCOM the communica...
HC-49U QUARTZCOM-HC-49U Datasheet
87Kb / 1P
   Applications: telecommunications, audio, instruments, interface
HC-49S QUARTZCOM-HC-49S Datasheet
90Kb / 1P
   Applications: microprocessors, audio, instruments, interface
HC-49UMJ QUARTZCOM-HC-49UMJ Datasheet
90Kb / 1P
   Applications: telecommunications, audio, automotive, instruments
logo
CTS Corporation
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
logo
Bi technologies
P140KV BITECH-P140KV_09 Datasheet
87Kb / 4P
   14mm Rotary Potentiometer
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com