Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95040-DRMF4TG Datasheet(PDF) 4 Page - STMicroelectronics

Part # M95040-DRMF4TG
Description  Automotive 4-Kbit serial SPI bus EEPROMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DRMF4TG Datasheet(HTML) 4 Page - STMicroelectronics

  M95040-DRMF4TG Datasheet HTML 1Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 2Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 3Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 4Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 5Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 6Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 7Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 8Page - STMicroelectronics M95040-DRMF4TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
List of tables
M95040-A125 M95040-A145
4/41
DocID024225 Rev 6
List of tables
Table 1.
Signal names . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 2.
Status Register format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 3.
Write-protected block size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 4.
Device identification bytes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 5.
Instruction set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 6.
Significant bits within the address byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 7.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 8.
Cycling performance by byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 9.
Operating conditions (voltage range W, temperature range 4). . . . . . . . . . . . . . . . . . . . . . 28
Table 10.
Operating conditions (voltage range R, temperature range 3) . . . . . . . . . . . . . . . . . . . . . . 28
Table 11.
Operating conditions (voltage range R, temperature range 3)
for high-speed communications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 12.
DC characteristics (voltage range W, temperature range 4). . . . . . . . . . . . . . . . . . . . . . . . 29
Table 13.
DC characteristics (voltage range R, temperature range 3) . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 14.
AC characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 15.
SO8N – 8-lead plastic small outline, 150 mils body width,
package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 16.
TSSOP8 – 8-lead thin shrink small outline, 3 x 4.4 mm, 0.65 mm pitch,
package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 17.
WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch
dual flat package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 18.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 19.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40


Similar Part No. - M95040-DRMF4TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95040-DRMF8TG STMICROELECTRONICS-M95040-DRMF8TG Datasheet
731Kb / 39P
   4-Kbit serial SPI bus EEPROM - 105 C Operation
M95040-DRMF8TP STMICROELECTRONICS-M95040-DRMF8TP Datasheet
731Kb / 39P
   4-Kbit serial SPI bus EEPROM - 105 C Operation
More results

Similar Description - M95040-DRMF4TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95020-A125 STMICROELECTRONICS-M95020-A125 Datasheet
761Kb / 41P
   Automotive 2-Kbit serial SPI bus EEPROMs
M95080-A125 STMICROELECTRONICS-M95080-A125 Datasheet
777Kb / 42P
   Automotive 8-Kbit serial SPI bus EEPROMs
M95160-A125 STMICROELECTRONICS-M95160-A125 Datasheet
776Kb / 42P
   Automotive 16-Kbit serial SPI bus EEPROMs
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
   Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
   Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
   Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
   Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
logo
Rohm
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com