Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ72L Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BUZ72L
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ72L Datasheet(HTML) 8 Page - Infineon Technologies AG

  BUZ72L Datasheet HTML 1Page - Infineon Technologies AG BUZ72L Datasheet HTML 2Page - Infineon Technologies AG BUZ72L Datasheet HTML 3Page - Infineon Technologies AG BUZ72L Datasheet HTML 4Page - Infineon Technologies AG BUZ72L Datasheet HTML 5Page - Infineon Technologies AG BUZ72L Datasheet HTML 6Page - Infineon Technologies AG BUZ72L Datasheet HTML 7Page - Infineon Technologies AG BUZ72L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BUZ 72L
Data Sheet
8
05.99
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 10 A, VDD = 25 V
R
GS = 25 Ω, L = 885 µH
20
40
60
80
100
120
˚C
160
T
j
0
5
10
15
20
25
30
35
40
45
50
mJ
60
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 15 A
0
10
20
30
40
nC
55
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
˚C
160
T
j
90
92
94
96
98
100
102
104
106
108
110
112
114
116
V
120
V
(BR)DSS


Similar Part No. - BUZ72L

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ72L SIEMENS-BUZ72L Datasheet
189Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
logo
New Jersey Semi-Conduct...
BUZ72L NJSEMI-BUZ72L Datasheet
82Kb / 3P
   Enhancement mode
More results

Similar Description - BUZ72L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com