Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK08H11100X7 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK08H11100X7
Description  Compact type potentiometer suitable for volume and tone controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK08H11100X7 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RK08H11100X7 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK08H11100X7 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
382
382
Knob Operating Type Potentiometers / Soldering Conditions
No. of reflows
No. of solders
No. of solders
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a type that
uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air
reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending
on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to
250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
1 time
1 time
Soldering temperature
Soldering time
Soldering surface temperature
Heating time
RK08H1□1, RK08H1□2, RK10J, RK14J
RK14J1□A
Series
Series
350℃ max.
80 to 120℃
70±30s
3s max.
260℃±5℃
4±1s
Tip temperature
Preheating
Soldering time
Dip soldering
Reference for Manual Soldering
Reference for Dip Soldering
RK08H1□3, RK10J1□R,
RK14J1□R
250℃
3s
4 min.
2 time max.
200℃
2 min.
40s
150℃
150℃
Series
Example of Reflow Soldering Condition
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Temperature profile
D
A
B
C
E
G
F
H


Similar Part No. - RK08H11100X7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK08H11100X7 ALPS-RK08H11100X7 Datasheet
263Kb / 6P
   Without Knob Type
logo
List of Unclassifed Man...
RK08H11100X7 ETC-RK08H11100X7 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK08H11100X7

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
LC75382E SANYO-LC75382E Datasheet
284Kb / 16P
   Electronic Tone Controls for Car Stereo Systems?
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
logo
SemiHow Co.,Ltd.
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
   Suitable for Switching regulator, Inverters motor controls
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com