Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMBL1E Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # PTMBL1E
Description  Contributing to set design flexibility with compact and lightweight mechanisms.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

PTMBL1E Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  PTMBL1E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. PTMBL1E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PTMBL1E
Compact Thermal Printer
Contributing to set design flexibility with compact and lightweight mechanisms.
Typical Specifications
Items
Specifications
Paper setting
Easy loading
Printing method
Line thermal
Specifications
Items
Specifications
Number of dots per line
384 dots
Density of dot
Horizontal density
8 dots/mm
Dot pitch
0.125mm
Vertical density
8 (16) dots/mm
Paper feed pitch
0.125mm/2 steps
Printing speed
Max speed
90mm/s
Printing width
48mm
Paper width
58mm+0-1
Paper thickness
-
Pulling force
0.49N (50gf) or more
Holding force
0.98N (100gf) or more
Sensor
Head temp. sensor
No
Lock sensor
No
Paper sensor
Reflective photo interrupter
Operating voltage
Head and motor drive
4.2V to 9.5V
Head logic
2.7V to 5.25V
Current consumption
Head drive
3.3A/Head
Motor drive
300mA/Phase
Head logic
24mA (at 5V)
Temperature
Print quality
0 to 40℃
Operating
-5 to 50℃
Storage
-25 to 70℃
Head life
Abrasion resistance
50km
Pulse activation
100Mil pulses
Mechanical
dimensions
Width (W)
67.6
Depth (D)
23.5
Height (H)
30.0
Weight
approx. 34g
Recommended paper
Nippon Paper TF50KS-E2(Blumberg TF 00 2200)
Platen cover
No
Release lever
No
(Head) Pressed by
Plate spring
FPC location
Center
Motor diameter
φ
15
Motor resistance
10Ω
Head resistance
200Ω
Vertical


Similar Part No. - PTMBL1E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
More results

Similar Description - PTMBL1E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
PIC-A1814 KODENSHI-PIC-A1814 Datasheet
1Mb / 3P
   Compact and lightweight design
logo
List of Unclassifed Man...
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
NEC
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
   COMPACT AND LIGHTWEIGHT
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
   COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
   Low-profile 6.4mm height contributes to flexibility in set design
logo
Isahaya Electronics Cor...
VLA203-203R ISAHAYA-VLA203-203R Datasheet
206Kb / 4P
   Thin-profile and lightweight design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com