Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BTS6143D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 1 page
background image
PROFET® Data sheet BTS 6143 D
Infineon Technologies AG
1 of 16
2003-Oct-01
Smart Highside Power Switch
Reversave
• Reverse battery protection by self turn on of
power MOSFET
Features
• Short circuit protection with latch
• Current limitation
• Overload protection
• Thermal shutdown with restart
• Overvoltage protection (including load dump)
• Loss of ground protection
• Loss of V
bb protection (with external diode for
charged inductive loads)
• Very low standby current
• Fast demagnetisation of inductive loads
• Electrostatic discharge (ESD) protection
• Optimized static electromagnetic compatibility
(EMC)
Diagnostic Function
• Proportional load current sense (with defined fault signal in case of overload operation, overtemperature
shutdown and/or short circuit shutdown)
Application
• Power switch with current sense diagnostic feedback for 12V and 24 V DC grounded loads
• All types of resistive, inductive and capacitive loads
• Replaces electromechanical relays, fuses and discrete circuits
General Description
N channel vertical power FET with charge pump, current controlled input and diagnostic feedback with load
current sense, integrated in Smart SIPMOS
chip on chip technology. Providing embedded protective functions.
IN
Charge pump
Level shifter
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
Overvoltage
protection
+ Vbb
PROFET
OUT
3 & Tab
1, 5
Load GND
Load
Output
Voltage
detection
R
IS
IS
4
I IS
IL
VIS
I IN
Logic GND
Voltage
sensor
Voltage
source
Current
Sense
Logic
ESD
Temperature
sensor
R bb
V
IN
Product Summary
Operating voltage
Vbb(on)
5.5 ... 38
V
On-state resistance
RON
10 m
Nominal current
IL(nom)
8A
Load current (ISO)
IL(ISO)
33
A
Current limitation
IL12(SC)
75
A
Package
TO-252-5-1
(DPAK 5 pin; less than half the size as TO 220 SMD)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl