Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5215L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS5215L
Description  Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5215L Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS5215L Datasheet HTML 1Page - Infineon Technologies AG BTS5215L Datasheet HTML 2Page - Infineon Technologies AG BTS5215L Datasheet HTML 3Page - Infineon Technologies AG BTS5215L Datasheet HTML 4Page - Infineon Technologies AG BTS5215L Datasheet HTML 5Page - Infineon Technologies AG BTS5215L Datasheet HTML 6Page - Infineon Technologies AG BTS5215L Datasheet HTML 7Page - Infineon Technologies AG BTS5215L Datasheet HTML 8Page - Infineon Technologies AG BTS5215L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BTS 5215L
Infineon Technologies AG
1
2003-Oct-01
Smart High-Side Power Switch
Two Channels: 2 x 90m
Status Feedback
Product Summary
Package
Operating Voltage
Vbb
5.5...40V
Active channels one
two parallel
On-state Resistance
RON
90m
45m
Nominal load current
IL(NOM)
3.7A
7.4A
Current limitation
IL(SCr)
12A
12A
General Description
N channel vertical power MOSFET with charge pump, ground referenced CMOS compatible input and
diagnostic feedback, monolithically integrated in Smart SIPMOS
technology.
Providing embedded protective functions
Applications
µC compatible high-side power switch with diagnostic feedback for 12V and 24V grounded loads
All types of resistive, inductive and capacitve loads
Most suitable for loads with high inrush currents, so as lamps
Replaces electromechanical relays, fuses and discrete circuits
Basic Functions
Very low standby current
CMOS compatible input
Improved electromagnetic compatibility (EMC)
Fast demagnetization of inductive loads
Stable behaviour at undervoltage
Wide operating voltage range
Logic ground independent from load ground
Protection Functions
Block Diagram
Short circuit protection
Overload protection
Current limitation
Thermal shutdown
Overvoltage protection (including load dump) with external
resistor
Reverse battery protection with external resistor
Loss of ground and loss of Vbb protection
Electrostatic discharge protection (ESD)
Diagnostic Function
Diagnostic feedback with open drain output
Open load detection in OFF-state
Feedback of thermal shutdown in ON-state
Vbb
GND
Load 1
Load 2
Logic
Channel 1
Channel 2
IN1
ST1
IN2
ST2
P-DSO-12


Similar Part No. - BTS5215L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5215L INFINEON-BTS5215L Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results

Similar Description - BTS5215L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS736L2 INFINEON-BTS736L2 Datasheet
383Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
2003-Oct-01
logo
Siemens Semiconductor G...
BTS728L2 SIEMENS-BTS728L2 Datasheet
241Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60mW Status Feedback
logo
Infineon Technologies A...
BTS728L2 INFINEON-BTS728L2 Datasheet
389Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 60m??Status Feedback
2003-Oct-01
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS723GW INFINEON-BTS723GW Datasheet
330Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS840S2 INFINEON-BTS840S2 Datasheet
338Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 30m??Current Sense
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com