Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T9S00428 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # T9S00428
Description  Phase Control Thyristor 2850 Amperes 800 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

T9S00428 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  T9S00428 Datasheet HTML 1Page - Powerex Power Semiconductors T9S00428 Datasheet HTML 2Page - Powerex Power Semiconductors T9S00428 Datasheet HTML 3Page - Powerex Power Semiconductors T9S00428 Datasheet HTML 4Page - Powerex Power Semiconductors T9S00428 Datasheet HTML 5Page - Powerex Power Semiconductors T9S00428 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T9S0__2803
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, Pennsylvania 15697-1800 (724)925-7272 www.pwrx.com
2850 Amperes 800 Volts
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Units
Repetitive Peak Voltage
VDRM-VRRM
400 - 800
Volts
Average On-State Current, TC=70°C
IT(Avg.)
2850
A
RMS On-State Current, TC=72°C
IT(RMS)
4477
A
Average On-State Current, TC=55°C
IT(Avg.)
3300
A
RMS On-State Current, TC=55°C
IT(RMS)
5184
A
Peak One Cycle Surge Current, 60Hz, VR=0V
ITSM
37,000
A
Peak One Cycle Surge Current, 50Hz, VR=0V
ITSM
34,884
A
Fuse Coordination I
2t, 60Hz
I
2t
5.70E+06
A
2s
Fuse Coordination I
2t, 50Hz
I
2t
6.08E+06
A
2s
Critical Rate-of-Rise of On-State Current
di/dt
100
A/us
Repetitive
Critical Rate-of-Rise of On-State Current
di/dt
200
A/us
Non-Repetitive
Critical Rate-of-Rise of Off-State Voltage
dv/dt
1000
V/us
Linear to ⅔•VDRM
Peak Gate Power, 100us
PGM
16
Watts
Average Gate Power
PG(avg)
5
Watts
Operating Temperature
Tj
-20 to+125
°C
Storage Temperature
TStg.
-50 to+150
°C
Approximate Weight
0.65
lb
0.29
Kg
Mounting Force
5500-6000
lbs
24.5 - 26.7
Knewtons
Information presented is based upon manufacturers testing and projected
capabilities. This information is subject to change without notice. The
manufacturer makes no claim as to suitability for use, reliability, capability
or future availability of this product.
Page 2 of 6


Similar Part No. - T9S00428

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9S0042803DH POWEREX-T9S0042803DH Datasheet
134Kb / 6P
   Phase Control Thyristor
More results

Similar Description - T9S00428

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9S7321403 POWEREX-T9S7321403 Datasheet
282Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
TAKC651103 POWEREX-TAKC651103 Datasheet
117Kb / 4P
   Phase Control Thyristor 1100 Amperes 6500 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
C430AX500 POWEREX-C430AX500 Datasheet
248Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-600 Volts
FT1000A POWEREX-FT1000A Datasheet
211Kb / 6P
   Phase Control SCR 1000 Amperes Avg 800-2500 Volts
P1Z7AAR700W POWEREX-P1Z7AAR700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com