Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67060-S6127 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # Q67060-S6127
Description  Smart High-Side Power Switch 1 Channel: 1 x 200m?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6127 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button Q67060-S6127 Datasheet HTML 3Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 4Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2004-01-27
Page 7
BTS 4141N
EMC-Characteristics
All EMC-Characteristics are based on limited number of sampels and no part of production test.
Test Conditions:
If not other specified the test circuitry is the minimal functional configuration without any external
components for protection or filtering.
Supply voltage:
Vbb = 13.5V
Temperature:
Ta = 23 ±5°C ;
Load:
RL = 220Ω
Operation mode:
PWM
Frequency:
100Hz / Duty Cycle: 50%
DC On/Off
DUT-Specific.:
RGND
Fast electrical transients
Acc. ISO 7637
Test Pulse
Test Level
Test Results
Pulse Cycle Time and
On
Off
Generator Impedance
1
-200 V
C
C
500ms ; 10
2
+200 V
C
C
500ms ; 10
3a
-200 V
C
C
100ms ; 50
3b
+ 200 V
C
C
100ms ; 50
41)
-7 V
C
C
0,01
5
175 V
E (70V)
E (70V)
400ms ; 2
The test pulses are applied at Vbb
Definition of functional status
Class
Content
C
All functions of the device are performed as designed after exposure to disturbance.
E
One or more function of a device does not perform as designed after exposure
and can not be returned to proper operation without repairing or replacing the
device. The value after the character shows the limit.
Test circuit:
PROFET
V
OUT
IN
bb
RL
Pulse
Bat.
RGND
GND
1Supply voltage Vbb = 12 V instead of 13,5 V.


Similar Part No. - Q67060-S6127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6121 INFINEON-Q67060-S6121 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6128 INFINEON-Q67060-S6128 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6129 INFINEON-Q67060-S6129 Datasheet
303Kb / 17P
   TrilithIC
2003-03-11
More results

Similar Description - Q67060-S6127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
   Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com