Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C64M-RCU6TT Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C64M-RCU6TT
Description  64-Kbit serial IC bus EEPROM 4 balls CSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64M-RCU6TT Datasheet(HTML) 1 Page - STMicroelectronics

  M24C64M-RCU6TT Datasheet HTML 1Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 2Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 3Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 4Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 5Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 6Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 7Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 8Page - STMicroelectronics M24C64M-RCU6TT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2016
DocID028282 Rev 2
1/35
M24C64M-FCU
64-Kbit serial I²C bus EEPROM 4 balls CSP
Datasheet
- preliminary data
Features
• Compatible with all I2C bus modes:
–1 MHz
–400 kHz
–100 kHz
• Memory array:
– 64 Kbit (8 Kbyte) of EEPROM
– Page size: 32 byte
• Specific device code
• Supply voltage range:
– 1.7 V to 5.5 V over -40°C / +85°C
• Write
– Byte Write within 5 ms
– Page Write within 5 ms
• Random and sequential Read modes
• Enhanced ESD/Latch-Up protection
• More than 4 million Write cycles
• More than 200-years data retention
• Package
– WLCSP, (ECOPACK2®)
WLCSP (CU)
www.st.com


Similar Part No. - M24C64M-RCU6TT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64MN1T STMICROELECTRONICS-M24C64MN1T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64MN3T STMICROELECTRONICS-M24C64MN3T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64MN5T STMICROELECTRONICS-M24C64MN5T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64MN6T STMICROELECTRONICS-M24C64MN6T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C64MW1T STMICROELECTRONICS-M24C64MW1T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
More results

Similar Description - M24C64M-RCU6TT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64S-FCU STMICROELECTRONICS-M24C64S-FCU Datasheet
599Kb / 35P
   64-Kbit serial IC bus EEPROM 4 balls CSP
October 2015 Rev 7
M24C64T-FCU STMICROELECTRONICS-M24C64T-FCU Datasheet
598Kb / 36P
   64-Kbit serial IC bus EEPROM 4 balls CSP
October 2015 Rev 1
M24C32M-FCU STMICROELECTRONICS-M24C32M-FCU Datasheet
557Kb / 35P
   32-Kbit serial IC bus EEPROM 4 balls CSP
M24C32S-FCU STMICROELECTRONICS-M24C32S-FCU Datasheet
598Kb / 35P
   32-Kbit serial IC bus EEPROM 4 balls CSP
M24C32T-FCU STMICROELECTRONICS-M24C32T-FCU Datasheet
599Kb / 36P
   32-Kbit serial IC bus EEPROM 4 balls CSP
M24C64P-FCU STMICROELECTRONICS-M24C64P-FCU Datasheet
631Kb / 36P
   64-Kbit serial I²C bus EEPROM 4 balls CSP
April 2017 Rev 1
M24C16-DFCU STMICROELECTRONICS-M24C16-DFCU Datasheet
563Kb / 35P
   16-Kbit serial I짼C bus EEPROM 4 balls CSP
M24128S-FCU STMICROELECTRONICS-M24128S-FCU Datasheet
653Kb / 40P
   128-Kbit serial I짼C bus EEPROM 4 balls CSP
November 2015 Rev 7
M24128T-FCU STMICROELECTRONICS-M24128T-FCU Datasheet
599Kb / 36P
   128-Kbit serial I짼C bus EEPROM 4 balls CSP
October 2015 Rev 1
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
   4-Kbit serial IC bus EEPROM
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com