Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C64-DRMF3TP Datasheet(PDF) 5 Page - STMicroelectronics

Part # M24C64-DRMF3TP
Description  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMF3TP Datasheet(HTML) 5 Page - STMicroelectronics

  M24C64-DRMF3TP Datasheet HTML 1Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 2Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 3Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 4Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 5Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 6Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 7Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 8Page - STMicroelectronics M24C64-DRMF3TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
DocID023023 Rev 8
5/40
M24C64-A125
List of figures
5
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
8-pin package connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Device select code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
I2C bus protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Write mode sequences with WC = 0 (data write enabled) . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
Write mode sequences with WC = 1 (data write inhibited) . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 7.
Write cycle polling flowchart using ACK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 8.
Read mode sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 10.
Maximum Rbus value versus bus parasitic capacitance (Cbus) for an I2C
bus at maximum frequency fC = 400 kHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 11.
Maximum Rbus value versus bus parasitic capacitance Cbus) for an I2C
bus at maximum frequency fC = 1MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 12.
AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 13.
TSSOP8 – 8-lead thin shrink small outline, package outline . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 14.
SO8N – 8 lead plastic small outline, 150 mils body width, package outline . . . . . . . . . . . . 34
Figure 15.
WFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead,
package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35


Similar Part No. - M24C64-DRMF3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-DRMF8TG STMICROELECTRONICS-M24C64-DRMF8TG Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
M24C64-DRMF8TP STMICROELECTRONICS-M24C64-DRMF8TP Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
More results

Similar Description - M24C64-DRMF3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
   Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
   Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-A125 STMICROELECTRONICS-M24C16-A125 Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C02-A125 STMICROELECTRONICS-M24C02-A125 Datasheet
604Kb / 39P
   Automotive 2-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
   Automotive 4-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
   Automotive 256-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 4
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
   Automotive 512-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24M01-A125 STMICROELECTRONICS-M24M01-A125 Datasheet
628Kb / 37P
   Automotive 1-Mbit serial IC bus EEPROM with 1 MHz clock
February 2014 Rev 4
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
   Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
September 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com